Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLS850F0TAV33 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLS850F0TAV33
Description  Low Dropout Linear Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS850F0TAV33 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLS850F0TAV33 Datasheet HTML 16Page - Infineon Technologies AG TLS850F0TAV33 Datasheet HTML 17Page - Infineon Technologies AG TLS850F0TAV33 Datasheet HTML 18Page - Infineon Technologies AG TLS850F0TAV33 Datasheet HTML 19Page - Infineon Technologies AG TLS850F0TAV33 Datasheet HTML 20Page - Infineon Technologies AG TLS850F0TAV33 Datasheet HTML 21Page - Infineon Technologies AG TLS850F0TAV33 Datasheet HTML 22Page - Infineon Technologies AG TLS850F0TAV33 Datasheet HTML 23Page - Infineon Technologies AG TLS850F0TAV33 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Data Sheet
20
Rev. 1.0, 2015-12-01
TLS850F0TAV33
Block Description and Electrical Characteristics
Reset Reaction Time
In case the output voltage of the regulator drops below the output undervoltage lower reset threshold
V
RT,low, the
reset output “RO/WO” is set to low, after the delay of the internal reset reaction time
t
rr,int. The reset blanking time
t
rr,blank is part of the reset reaction time trr,int.
Reset Output “RO/WO”
The reset output “RO/WO” is an open collector output with an integrated pull-up resistor. In case a lower-ohmic
“RO/WO” signal is desired, an external pull-up resistor can be connected to the output “Q”. Since the maximum
“RO/WO” sink current is limited, the minimum value of the optional external resistor “
R
RO/WO,ext” is given in Table
“Reset Output / Watchdog Output RO/WO” on Page 22.
Reset Output “RO/WO” Low for VQ
≥ 1V
In case of an undervoltage reset condition reset output “RO/WO” is held “low” for
V
Q ≥ 1 V, even if the input voltage
V
I is 0 V. This is achieved by supplying the reset circuit from the output capacitor.
Reset Adjust Function
The undervoltage reset switching threshold can be adjusted according to the application’s needs by connecting
an external voltage divider (
R
ADJ1, RADJ2) at pin “RADJ”. For selecting the default threshold connect pin “RADJ” to
GND. The reset adjustment range for the TLS850F0TAV33 is given in Reset Threshold Adjustment Range.
When dimensioning the voltage divider, take into consideration that there will be an additional current constantly
flowing through the resistors.
With a voltage divider connected, the reset switching threshold
V
RT,new is calculated as follows
(neglecting the Reset Adjust Pin Current
I
RADJ):
V
RT,lo,new = VRADJ,th ×(RADJ,1 + RADJ,2)/ RADJ,2
(1)
with
V
RT,lo,new: Desired undervoltage reset switching threshold.
R
ADJ,1, RADJ,2: Resistors of the external voltage divider, see Figure 6.
V
RADJ,th: Reset adjust switching threshold given in Reset Adjustment Switching Threshold.


Similar Part No. - TLS850F0TAV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS850F0TAV50 INFINEON-TLS850F0TAV50 Datasheet
1Mb / 36P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-07-24
TLS850F0TAV50 INFINEON-TLS850F0TAV50_15 Datasheet
1Mb / 36P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-07-24
More results

Similar Description - TLS850F0TAV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com