Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLS850F1TAV50 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLS850F1TAV50
Description  Low Dropout Linear Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS850F1TAV50 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLS850F1TAV50 Datasheet HTML 27Page - Infineon Technologies AG TLS850F1TAV50 Datasheet HTML 28Page - Infineon Technologies AG TLS850F1TAV50 Datasheet HTML 29Page - Infineon Technologies AG TLS850F1TAV50 Datasheet HTML 30Page - Infineon Technologies AG TLS850F1TAV50 Datasheet HTML 31Page - Infineon Technologies AG TLS850F1TAV50 Datasheet HTML 32Page - Infineon Technologies AG TLS850F1TAV50 Datasheet HTML 33Page - Infineon Technologies AG TLS850F1TAV50 Datasheet HTML 34Page - Infineon Technologies AG TLS850F1TAV50 Datasheet HTML 35Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
TLS850F1TAV50
Application Information
Data Sheet
31
Rev. 1.0, 2016-02-04
TLS850F1TAV50 is designed to be also stable with low ESR capacitors. According to the automotive
requirements, ceramic capacitors with X5R or X7R dielectrics are recommended.
The output capacitor should be placed as close as possible to the regulator’s output and GND pins and on the
same side of the PCB as the regulator itself.
In case of rapid transients of input voltage or load current, the capacitance should be dimensioned in accordance
and verified in the real application that the output stability requirements are fulfilled.
6.3
Thermal Considerations
Knowing the input voltage, the output voltage and the load profile of the application, the total power dissipation
can be calculated:
P
D =(VI - VQIQ + VI × Iq
(2)
with
P
D: continuous power dissipation
V
I : input voltage
V
Q: output voltage
I
Q: output current
I
q: quiescent current
The maximum acceptable thermal resistance
R
thJA can then be calculated:
R
thJA,max =( Tj,max - Ta )/ PD
(3)
with
T
j,max: maximum allowed junction temperature
T
a: ambient temperature
Based on the above calculation the proper PCB type and the necessary heat sink area can be determined with
reference to the specification in “Thermal Resistance” on Page 9.
Example
Application conditions:
V
I = 13.5 V
V
Q = 5 V
I
Q = 200 mA
T
a = 85 °C
Calculation of
R
thJA,max:
P
D =(VI VQIQ + VI × Iq
(
V
I × Iq can be neglected because of very low Iq)
=(13.5 V–5V) × 200mA
=1.7 W
R
thJA,max =(Tj,max Ta)/ PD
= (150 °C – 85 °C) / 1.7 W = 38.24 K/W


Similar Part No. - TLS850F1TAV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS850F0TAV33 INFINEON-TLS850F0TAV33 Datasheet
1Mb / 36P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-12-01
TLS850F0TAV50 INFINEON-TLS850F0TAV50 Datasheet
1Mb / 36P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-07-24
TLS850F0TAV50 INFINEON-TLS850F0TAV50_15 Datasheet
1Mb / 36P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-07-24
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
TLS850F3TUV33 INFINEON-TLS850F3TUV33 Datasheet
1Mb / 35P
   OPTIREG™ linear TLS850F3TUV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
More results

Similar Description - TLS850F1TAV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com