Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF5901PTR Datasheet(PDF) 11 Page - Texas Instruments

Part # TRF5901PTR
Description  SINGLE-CHIP RF TRANSMITTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF5901PTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF5901PTR Datasheet HTML 7Page - Texas Instruments TRF5901PTR Datasheet HTML 8Page - Texas Instruments TRF5901PTR Datasheet HTML 9Page - Texas Instruments TRF5901PTR Datasheet HTML 10Page - Texas Instruments TRF5901PTR Datasheet HTML 11Page - Texas Instruments TRF5901PTR Datasheet HTML 12Page - Texas Instruments TRF5901PTR Datasheet HTML 13Page - Texas Instruments TRF5901PTR Datasheet HTML 14Page - Texas Instruments TRF5901PTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TRF5901
SINGLE-CHIP RF TRANSCEIVER
SWRS014 – DECEMBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RF mixer
The RF mixer is designed to operate with the on-chip VCO. If an external LO is used, a typical drive level of
–10 dBm should be applied at the VCO input terminal. The mixer is a conventional double-balanced Gilbert cell
mixer designed to provide a high IP3, typically 1 dBm.
Since the mixer output’s push-pull amplifier has a 330-
Ω output impedance, a conventional 330-Ω ceramic filter
can be directly connected to the output without additional matching. The mixer output can also be directly
connected to the second IF amplifier/limiter input terminal, IF2_IN, through a single conventional 330-
Ω ceramic
filter, thus bypassing the first IF amplifier.
Figure 5 and Figure 6 show the RF mixer input and output impedances, respectively.
Figure 5. Typical RF Mixer Input Impedance
(S11) at Device Terminal MIX_IN
Figure 6. Typical RF Mixer Output Impedance
(S22) at Device Terminal MIX_OUT
0.5
1
↑1 U
2
5
10
2
1
0.5
0.2
0
–0.5
–1
–2
–5
START 850 MHz
STOP 950 MHz
CH1 S11
CAL
OFS
CPL
FIL
1k
↑1 U
START 5 MHz
STOP 25 MHz
CH1 S22
CAL
OFS
CPL
FIL
1k
1
5
0.5
1
2
5
10
2
1
0.5
0.2
0
–0.5
–1
–2
–5
5
1
first IF amplifier
The first IF amplifier provides a typical gain of 7 dB to compensate for losses caused by a ceramic filter. The
input and output of the first IF amplifier is matched internally to 330
Ω, permitting direct connections to 330-Ω
ceramic filters. If filters with different impedances are used, an impedance matching network is required.
A second filter can be connected between the first IF amplifier and the second IF amplifier/limiter to increase
the receiver selectivity. Alternately, the RF mixer output can be directly connected to the second IF amplifier as
shown in Figure 7. A single ceramic filter can also be used to connect terminal 41 to terminal 39. In this case,
a 0.1-
µF dc-blocking capacitor should be used to connect terminal 44 to 42 to maximize receiver sensitivity.


Similar Part No. - TRF5901PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results

Similar Description - TRF5901PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4900 TI1-TRF4900_08 Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
List of Unclassifed Man...
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com