Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C566D-AFE-CV0X0252 Datasheet(PDF) 4 Page - Cree, Inc

Part # C566D-AFE-CV0X0252
Description  Cree Screen Master 5-mm Oval LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566D-AFE-CV0X0252 Datasheet(HTML) 4 Page - Cree, Inc

  C566D-AFE-CV0X0252 Datasheet HTML 1Page - Cree, Inc C566D-AFE-CV0X0252 Datasheet HTML 2Page - Cree, Inc C566D-AFE-CV0X0252 Datasheet HTML 3Page - Cree, Inc C566D-AFE-CV0X0252 Datasheet HTML 4Page - Cree, Inc C566D-AFE-CV0X0252 Datasheet HTML 5Page - Cree, Inc C566D-AFE-CV0X0252 Datasheet HTML 6Page - Cree, Inc C566D-AFE-CV0X0252 Datasheet HTML 7Page - Cree, Inc C566D-AFE-CV0X0252 Datasheet HTML 8Page - Cree, Inc C566D-AFE-CV0X0252 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2014Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree 5-mm Oval LED
C566D-RFF/GFF/BFF/AFF
C566D-RFE/GFE/BFE/AFE
COLOR BIN LIMIT (I
F = 20 mA)
• Tolerance of measurement of dominant wavelength is ±1 nm
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Amber
Bin Code
Min.
(nm)
Max.
(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475


Similar Part No. - C566D-AFE-CV0X0252

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C566C MARKTECH-C566C Datasheet
652Kb / 10P
   5mm Oval LED
logo
Cree, Inc
C566C-AFE-CU0V0341 CREE-C566C-AFE-CU0V0341 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C566C-AFE-CU0V0342 CREE-C566C-AFE-CU0V0342 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C566C-AFE-CU0W0251 CREE-C566C-AFE-CU0W0251 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C566C-AFE-CU0W0252 CREE-C566C-AFE-CU0W0252 Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
More results

Similar Description - C566D-AFE-CV0X0252

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
C566C-RFF CREE-C566C-RFF Datasheet
904Kb / 10P
   Cree Screen Master 5-mm Oval LED
C5SMF-AJF CREE-C5SMF-AJF Datasheet
879Kb / 8P
   Cree Screen Master 5-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com