Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3750IPWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRF3750IPWG4
Description  HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF3750IPWG4 Datasheet(HTML) 4 Page - Texas Instruments

  TRF3750IPWG4 Datasheet HTML 1Page - Texas Instruments TRF3750IPWG4 Datasheet HTML 2Page - Texas Instruments TRF3750IPWG4 Datasheet HTML 3Page - Texas Instruments TRF3750IPWG4 Datasheet HTML 4Page - Texas Instruments TRF3750IPWG4 Datasheet HTML 5Page - Texas Instruments TRF3750IPWG4 Datasheet HTML 6Page - Texas Instruments TRF3750IPWG4 Datasheet HTML 7Page - Texas Instruments TRF3750IPWG4 Datasheet HTML 8Page - Texas Instruments TRF3750IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TRF3750
SLWS146B − MARCH 2004 − REVISED AUGUST 2007
www.ti.com
4
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
AVDD
−0.3 V to 6.5 V
Supply voltage range(2)
AVDD to DVDD
−0.3 V to 0.3 V
Supply voltage range
VCP to AGND
−0.3 V to 9 V
Digital I/O voltage to DGND (DGND = 0 V)
−0.3 V to 6.5 V
Reference signal input
REFIN to DGND
−0.3 V to DVDD + 0.3 V
RF prescaler input
RFIN, RFIN to AGND
−0.3 V to 6.5 V
Continuous power dissipation
See Dissipation Rating Table
Storage temperature, TStg
−65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR(1)
ABOVE TA = 25°C
TA = 85°C
POWER RATING
16-pin TSSOP
2780 mW
22.2 mW/_C
1440 mW
20-pin QFN
2780 mW
29 mW/_C
1440 mW
(1) This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no airflow.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
AVDD = DVDD, 3.3 V range
3
3.3
3.6
V
Supply voltage
AVDD = DVDD, 5 V range
4.5
5
5.5
V
Supply voltage
VCP
(AVDD, DVDD) + 1
8
V
High−level input voltage, VIH
LE DATA CLK CE
0.8 x DVDD
V
Low−level input voltage, VIL
LE, DATA, CLK, CE
0.2 x DVDD
V
High−level output voltage, VOH
MUXOUT
DVDD − 0.4
V
Low−level output voltage, VOL
MUXOUT
0.4
V
Operating free-air temperature, TA
−40
85
°C


Similar Part No. - TRF3750IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3750IPW TI-TRF3750IPW Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750IPWR TI-TRF3750IPWR Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
More results

Similar Description - TRF3750IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3750 TI1-TRF3750_14 Datasheet
981Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI-TRF3750 Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241_14 Datasheet
986Kb / 19P
   UltraCMOS짰 Integer-N PLL Frequency Synthesizer
logo
Analog Devices
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
logo
Asahi Kasei Microsystem...
AK1544 AKM-AK1544 Datasheet
957Kb / 37P
   1300MHz Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com