Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF4140QPHNRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TRF4140QPHNRQ1
Description  Abstract Low-Frequency Transceiver for Immobilizer, Passive Start, Passive Entry, and Wireless Charging Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF4140QPHNRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF4140QPHNRQ1 Datasheet HTML 2Page - Texas Instruments TRF4140QPHNRQ1 Datasheet HTML 3Page - Texas Instruments TRF4140QPHNRQ1 Datasheet HTML 4Page - Texas Instruments TRF4140QPHNRQ1 Datasheet HTML 5Page - Texas Instruments TRF4140QPHNRQ1 Datasheet HTML 6Page - Texas Instruments TRF4140QPHNRQ1 Datasheet HTML 7Page - Texas Instruments TRF4140QPHNRQ1 Datasheet HTML 8Page - Texas Instruments TRF4140QPHNRQ1 Datasheet HTML 9Page - Texas Instruments TRF4140QPHNRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
TRF4140-Q1
SLOS953A – JUNE 2016 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TRF4140-Q1
Device and Documentation Support
Copyright © 2016, Texas Instruments Incorporated
3.4
Community Resources
The following link connects to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E™ Community
TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration among engineers. At
e2e.ti.com, you can ask questions, share knowledge, explore ideas and help solve problems with fellow
engineers.
3.5
Trademarks
E2E is a trademark of Texas Instruments.
3.6
Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
3.7
Export Control Notice
Recipient agrees to not knowingly export or re-export, directly or indirectly, any product or technical data
(as defined by the U.S., EU, and other Export Administration Regulations) including software, or any
controlled product restricted by other applicable national regulations, received from disclosing party under
nondisclosure obligations (if any), or any direct product of such technology, to any destination to which
such export or re-export is restricted or prohibited by U.S. or other applicable laws, without obtaining prior
authorization from U.S. Department of Commerce and other competent Government authorities to the
extent required by those laws.
3.8
Glossary
TI Glossary This glossary lists and explains terms, acronyms, and definitions.


Similar Part No. - TRF4140QPHNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4000 TI-TRF4000 Datasheet
102Kb / 8P
[Old version datasheet]   PCS RF DOWNCONVERTER
logo
Coilcraft lnc.
TRF4000L COILCRAFT-TRF4000L Datasheet
254Kb / 1P
   Tip and Ring Common Mode Filters
logo
Texas Instruments
TRF4000PWP TI-TRF4000PWP Datasheet
102Kb / 8P
[Old version datasheet]   PCS RF DOWNCONVERTER
TRF4002 TI1-TRF4002 Datasheet
136Kb / 8P
[Old version datasheet]   PCS RF POWER AMPLIFIER
TRF4002PWP TI-TRF4002PWP Datasheet
102Kb / 8P
[Old version datasheet]   PCS RF DOWNCONVERTER
More results

Similar Description - TRF4140QPHNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC84000-Q1 TI1-TPIC84000-Q1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84125-Q1 TI1-TPIC84125-Q1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84125TPWPRQ1 TI-TPIC84125TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
logo
API Technologies Corp
X2 APITECH-X2 Datasheet
161Kb / 1P
   Passive Frequency Doublers
logo
Taoglas antenna solutio...
TG080113 TAOGLAS-TG080113 Datasheet
3Mb / 26P
   Monopole Passive Antenna Broadband frequency range for cellular and GNSS
logo
API Technologies Corp
1479 APITECH-1479 Datasheet
137Kb / 1P
   Low Passive Intermodulation
logo
Molex Electronics Ltd.
1461790001 MOLEX-1461790001_V01 Datasheet
53Kb / 1P
   PowerLife Wireless Charging Coil, Receive, Low Frequency, 10W
1461794011 MOLEX-1461794011 Datasheet
54Kb / 1P
   PowerLife Wireless Charging Coil, Transmit and Receive, Low Frequency, Wearable, 2.5W
logo
Hittite Microwave Corpo...
HMC188MS8 HITTITE-HMC188MS8_09 Datasheet
245Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY
logo
Sanyo Semicon Device
LV1017 SANYO-LV1017 Datasheet
324Kb / 3P
   Bi-CMOS IC Passive Decoder for Dolby Surround Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com