Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3750IPW Datasheet(PDF) 11 Page - Texas Instruments

Part # TRF3750IPW
Description  HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF3750IPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF3750IPW Datasheet HTML 7Page - Texas Instruments TRF3750IPW Datasheet HTML 8Page - Texas Instruments TRF3750IPW Datasheet HTML 9Page - Texas Instruments TRF3750IPW Datasheet HTML 10Page - Texas Instruments TRF3750IPW Datasheet HTML 11Page - Texas Instruments TRF3750IPW Datasheet HTML 12Page - Texas Instruments TRF3750IPW Datasheet HTML 13Page - Texas Instruments TRF3750IPW Datasheet HTML 14Page - Texas Instruments TRF3750IPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TRF3750
SLWS146B − MARCH 2004 − REVISED AUGUST 2007
www.ti.com
11
TYPICAL CHARACTERISTICS
100
1k
10k
1M
100k
RMS = 0.95°
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
Figure 14. Phase Noise
(RFOUT = 1750 MHz)
PHASE NOISE
vs
FREQUENCY
f − Frequency Offset from 1750 MHz Carrier − Hz
RMS = 0.95°
PFD = 200 kHz
Loop BW = 20 kHz
f − Frequency Offset from 1960 MHz Carrier − kHz
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
−500−400−300−200−100 0
100 200 300 400 500
AVDD = DVDD = 3.3 V
ICP = 5 mA
Res. Bandwidth = 1 kHz
Video Bandwidth = 1 kHz
Average = 30
PFD = 200 kHz
Loop BW = 20 kHz
OUTPUT POWER
vs
FREQUENCY
−92 dBc
Reference Level = −6.9 dBm
Figure 15. Reference Spurs
(RFOUT = 1960 MHz)
f − Frequency Offset from 1960 MHz Carrier − kHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
−2.5 −2.0 −1.5 −1.0 −0.5 0.0 0.5 1.0 1.5 2.0 2.5
AVDD = DVDD = 3.3 V
ICP = 5 mA
Res. Bandwidth = 1 Hz
Video Bandwidth = 1 Hz
Average = 30
PFD = 200 kHz
Loop BW = 20 kHz
OUTPUT POWER
vs
FREQUENCY
−84 dBc/Hz
Reference Level = −6.7 dBm
Figure 16. Phase Noise
(RFOUT = 1960 MHz)
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
PHASE NOISE
vs
FREQUENCY
100
1k
10k
1M
100k
f − Frequency Offset from 1960 MHz Carrier − Hz
Figure 17. Integrated Phase Noise
(RFOUT = 1960 MHz)
RMS = 0.98°
PFD = 200 kHz
Loop BW = 20 kHz


Similar Part No. - TRF3750IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3750IPW TI-TRF3750IPW Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750IPWR TI-TRF3750IPWR Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
More results

Similar Description - TRF3750IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3750 TI1-TRF3750_14 Datasheet
981Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI-TRF3750 Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241_14 Datasheet
986Kb / 19P
   UltraCMOS짰 Integer-N PLL Frequency Synthesizer
logo
Analog Devices
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
logo
Asahi Kasei Microsystem...
AK1544 AKM-AK1544 Datasheet
957Kb / 37P
   1300MHz Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com