Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA1A-WKW-CXaYb153 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLA1A-WKW-CXaYb153
Description  Cree PLCC4 1 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLA1A-WKW-CXaYb153 Datasheet(HTML) 3 Page - Cree, Inc

  CLA1A-WKW-CXaYb153 Datasheet HTML 1Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 2Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 3Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 4Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 5Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 6Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 7Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 8Page - Cree, Inc CLA1A-WKW-CXaYb153 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 1 in 1 SMD LED
CLA1A-WKW/MKW
Cool White(CLA1A-WKW)
Bin Code
Min.(mcd)
Max.(mcd)
Xa
1800
2240
Xb
2240
2800
Ya
2800
3550
Yb
3550
4500
Warm White (CLA1A-MKW)
Bin Code
Min.(mcd)
Max.(mcd)
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
Ya
2800
3550
Cool White (CLA1A-WKW)
Bin Code
Min.(V)
Max.(V)
27
2.8
3.0
28
3.0
3.2
29
3.2
3.4
2a
3.4
3.6
2b
3.6
3.8
2c
3.8
4.0
2d
4.0
4.2
Warm White (CLA1A-MKW)
Bin Code
Min.(V)
Max.(V)
27
2.8
3.0
28
3.0
3.2
29
3.2
3.4
2a
3.4
3.6
2b
3.6
3.8
2c
3.8
4.0
2d
4.0
4.2
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of VF is ±0.05V.
INTENSITY BIN LIMIT (I
F = 30 mA)
VF BIN LIMIT (I
F = 30 mA)


Similar Part No. - CLA1A-WKW-CXaYb153

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLA1A-WKW-CXaYb153 MARKTECH-CLA1A-WKW-CXaYb153 Datasheet
542Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
More results

Similar Description - CLA1A-WKW-CXaYb153

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
   Cree PLCC4 3-in-1 SMD LED
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
   Cree PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW Datasheet
280Kb / 6P
   PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com