Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3988ITL-2.6 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3988ITL-2.6
Description  Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3988ITL-2.6 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3988ITL-2.6 Datasheet HTML 1Page - National Semiconductor (TI) LP3988ITL-2.6 Datasheet HTML 2Page - National Semiconductor (TI) LP3988ITL-2.6 Datasheet HTML 3Page - National Semiconductor (TI) LP3988ITL-2.6 Datasheet HTML 4Page - National Semiconductor (TI) LP3988ITL-2.6 Datasheet HTML 5Page - National Semiconductor (TI) LP3988ITL-2.6 Datasheet HTML 6Page - National Semiconductor (TI) LP3988ITL-2.6 Datasheet HTML 7Page - National Semiconductor (TI) LP3988ITL-2.6 Datasheet HTML 8Page - National Semiconductor (TI) LP3988ITL-2.6 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP3988
Micropower, 150mA Ultra Low-Dropout CMOS Voltage
Regulator With Power Good
General Description
The LP3988 is a 150mA low dropout regulator designed
specially
to
meet
requirements
of
Portable
battery-
applications. The LP3988 is designed to work with a space
saving, small 1µF ceramic capacitor. The LP3988 features
an Error Flag output that indicates a faulty output condition.
The LP3988’s performance is optimized for battery powered
systems to deliver low noise, extremely low dropout voltage
and low quiescent current. Regulator ground current in-
creases only slightly in dropout, further prolonging the bat-
tery life.
Power supply rejection is better than 60 dB at low frequen-
cies and starts to roll off at 10 kHz. High power supply
rejection is maintained down to lower input voltage levels
common to battery operated circuits.
The device is ideal for mobile phone and similar battery
powered wireless applications. It provides up to 150 mA,
from a 2.5V to 6V input, consuming less than 1 µA in disable
mode and has fast turn-on time less than 200µs.
The LP3988 is available 5 pin SOT-23 package and 5 bump
thin micro SMD package. Performance is specified for −40˚C
to +125˚C temperature range and is available in 1.85, 2.5,
2.6, 2.85, 3.0 and 3.3V output voltages.
Key Specifications
n
2.5 to 6.0V input range
n
150mA guaranteed output
n
40dB PSRR at 10kHz
n
≤1 µA quiescent current when shut down
n
Fast Turn-On time: 100 µs (typ.)
n
80 mV typ dropout with 150mA load
n
−40 to +125˚C junction temperature range for operation
n
1.85V, 2.5V, 2.6V, 2.85V, 3.0V, and 3.3V
Features
n
5 bump thin micro SMD package
n
SOT-23-5 package
n
Power-good flag output
n
Logic controlled enable
n
Stable with ceramic and high quality tantalum capacitors
n
Fast turn-on
n
Thermal shutdown and short-circuit current limit
Applications
n
CDMA cellular handsets
n
Wideband CDMA cellular handsets
n
GSM cellular handsets
n
Portable information appliances
n
Tiny 3.3V ± 5% to 2.85V, 150mA converter
Typical Application Circuit
20020502
August 2004
© 2004 National Semiconductor Corporation
DS200205
www.national.com


Similar Part No. - LP3988ITL-2.6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3988ITL-2.6/NOPB TI1-LP3988ITL-2.6/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3988ITL-2.6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP3988 TI-LP3988_15 Datasheet
1,010Kb / 25P
[Old version datasheet]   LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP8358 NSC-LP8358 Datasheet
508Kb / 10P
   150mA, UCap, Low Dropout Voltage Regulator with Power Good
LMS5258 NSC-LMS5258 Datasheet
515Kb / 9P
   150mA, Cap, Low Dropout Voltage Regulator with Power Good
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Texas Instruments
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com