Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C503C-ACS-CYCZa342 Datasheet(PDF) 4 Page - Cree, Inc

Part # C503C-ACS-CYCZa342
Description  Cree 5-mm Red and Amber Round LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503C-ACS-CYCZa342 Datasheet(HTML) 4 Page - Cree, Inc

  C503C-ACS-CYCZa342 Datasheet HTML 1Page - Cree, Inc C503C-ACS-CYCZa342 Datasheet HTML 2Page - Cree, Inc C503C-ACS-CYCZa342 Datasheet HTML 3Page - Cree, Inc C503C-ACS-CYCZa342 Datasheet HTML 4Page - Cree, Inc C503C-ACS-CYCZa342 Datasheet HTML 5Page - Cree, Inc C503C-ACS-CYCZa342 Datasheet HTML 6Page - Cree, Inc C503C-ACS-CYCZa342 Datasheet HTML 7Page - Cree, Inc C503C-ACS-CYCZa342 Datasheet HTML 8Page - Cree, Inc C503C-ACS-CYCZa342 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree 5-mm Round LED
C503C-RCS/RCN/ACS/ACN
ORDER CODE TABLE*
Red
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Red
C503C-RCS-CYAZaAA1
30
5860
10100
RA
618
RA
630
Bulk
Yes
Red
C503C-RCS-CYBYCAA1
30
6500
8200
RA
618
RA
630
Bulk
Yes
Red
C503C-RCS-CYCZaAA1
30
7200
10100
RA
618
RA
630
Bulk
Yes
Red
C503C-RCS-CYAZaAA2
30
5860
10100
RA
618
RA
630
Ammo
Yes
Red
C503C-RCS-CYBYCAA2
30
6500
8200
RA
618
RA
630
Ammo
Yes
Red
C503C-RCS-CYCZaAA2
30
7200
10100
RA
618
RA
630
Ammo
Yes
Red
C503C-RCN-CYAZaAA1
30
5860
10100
RA
618
RA
630
Bulk
No
Red
C503C-RCN-CYBYCAA1
30
6500
8200
RA
618
RA
630
Bulk
No
Red
C503C-RCN-CYCZaAA1
30
7200
10100
RA
618
RA
630
Bulk
No
Red
C503C-RCN-CYAZaAA2
30
5860
10100
RA
618
RA
630
Ammo
No
Red
C503C-RCN-CYBYCAA2
30
6500
8200
RA
618
RA
630
Ammo
No
Red
C503C-RCN-CYCZaAA2
30
7200
10100
RA
618
RA
630
Ammo
No


Similar Part No. - C503C-ACS-CYCZa342

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503C-WAN CREE-C503C-WAN Datasheet
722Kb / 9P
   5-mm Round LED
C503C-WAN-CBaDa151 CREE-C503C-WAN-CBaDa151 Datasheet
722Kb / 9P
   5-mm Round LED
logo
Marktech Corporate
C503C-WAN-CBaDa151 MARKTECH-C503C-WAN-CBaDa151 Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503C-WAN-CBaDa152 CREE-C503C-WAN-CBaDa152 Datasheet
722Kb / 9P
   5-mm Round LED
logo
Marktech Corporate
C503C-WAN-CBaDa152 MARKTECH-C503C-WAN-CBaDa152 Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
More results

Similar Description - C503C-ACS-CYCZa342

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C512A-WNS CREE-C512A-WNS Datasheet
929Kb / 13P
   Cree 5-mm Round LED
C503B-AAS-CA0C0251-015 CREE-C503B-AAS-CA0C0251-015 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
logo
Broadcom Corporation.
ALMD-EG1E BOARDCOM-ALMD-EG1E Datasheet
1Mb / 12P
   High Brightness SMT Round Red, Amber LED Lamps
logo
OPTEK Technologies
OVLFR3C7 OPTEK-OVLFR3C7 Datasheet
1Mb / 4P
   Round Red Through-hole LED Lamp (5 mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com