Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF6901PTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF6901PTRG4
Description  SINGLE-CHIP RF TRANSCEIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF6901PTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TRF6901PTRG4 Datasheet HTML 1Page - Texas Instruments TRF6901PTRG4 Datasheet HTML 2Page - Texas Instruments TRF6901PTRG4 Datasheet HTML 3Page - Texas Instruments TRF6901PTRG4 Datasheet HTML 4Page - Texas Instruments TRF6901PTRG4 Datasheet HTML 5Page - Texas Instruments TRF6901PTRG4 Datasheet HTML 6Page - Texas Instruments TRF6901PTRG4 Datasheet HTML 7Page - Texas Instruments TRF6901PTRG4 Datasheet HTML 8Page - Texas Instruments TRF6901PTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TRF6901
SINGLECHIP RF TRANSCEIVER
SLWS110G − SEPTEMBER 2001 − REVISED JUNE 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Transmit Data
Receive Data
Mode Select
Serial Control Data
Serial Control Clock
Serial Control Strobe
TX_DATA
RX_DATA
MODE
STDBY
DATA
CLOCK
STROBE
LNA_IN1, 2
PA_OUT
TRF6901
Transceiver
+
Discretes
RF Section
Programmable
Digital I/O Pins
MSP430
Family
µC
Microcontroller
Section
Antenna
Standby
RF In
RF Out
RSSI Out (Analog Signal)
RSSI_OUT
Clock Buffer Out
CLK_OUT
Brownout Detector Out
DET_OUT
Learn/Hold Select
LEARN/HOLD
Figure 1. System Block Diagram for Interfacing to the MSP430 Microcontroller


Similar Part No. - TRF6901PTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results

Similar Description - TRF6901PTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
   SINGLE CHIP RF TRANSCEIVER
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
logo
List of Unclassifed Man...
NRF0433 ETC-NRF0433 Datasheet
176Kb / 14P
   Single chip 433MHz RF Transceiver
logo
California Eastern Labs
ZIC2410 CEL-ZIC2410 Datasheet
3Mb / 119P
   Single-chip 2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com