Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF6901PTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6901PTR
Description  SINGLE-CHIP RF TRANSCEIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF6901PTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF6901PTR Datasheet HTML 6Page - Texas Instruments TRF6901PTR Datasheet HTML 7Page - Texas Instruments TRF6901PTR Datasheet HTML 8Page - Texas Instruments TRF6901PTR Datasheet HTML 9Page - Texas Instruments TRF6901PTR Datasheet HTML 10Page - Texas Instruments TRF6901PTR Datasheet HTML 11Page - Texas Instruments TRF6901PTR Datasheet HTML 12Page - Texas Instruments TRF6901PTR Datasheet HTML 13Page - Texas Instruments TRF6901PTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TRF6901
SINGLECHIP RF TRANSCEIVER
SLWS110G − SEPTEMBER 2001 − REVISED JUNE 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
low-noise amplifier (LNA)/RF mixer
The LNA has differential inputs. The off-chip input matching network has the dual task of matching a 50-
connector (or antenna, switch, filter, etc.) to the differential inputs and providing a 180-degree phase shift
between the inputs at terminals 1 and 2. The differential input impedance of the LNA is approximately 500
in parallel with 0.7 pF. The predicted noise figure of the LNA and input matching circuit is 2.5 dB. The cascaded
noise figure for the LNA/mixer is listed in the specifications.
The mixer offers good linearity (high IP3). An external matching network is required to transform the output
impedance of the mixer (1.4 k
Ω) to the input impedance of the IF filter (typically 330 Ω).
0.5
1
2
5
10
2
1
0.5
0.2
0
−0.5
−1
−2
−5
5
↑1 U
START 850 MHz
STOP 1000 MHz
CH1 S11
CAL
OFS
CPL
FIL
1k
Figure 3. Typical LNA Input Impedance (S11) at Device Terminals LNA_IN1,2
IF amplifier/limiter
The IF amplifier has differential inputs to its first stage. The limiting amplifier provides 68 dB of gain. An external
impedance matching network is required between the IF filter output and the IF amplifier inputs at terminals 43
and 44.
RSSI
The received signal strength indicator (RSSI) voltage at terminal 41 is proportional to the log of the
down-converted RF signal at the IF limiting amplifier input. The RSSI circuit is temperature compensated and
is useful for detecting interfering signals, transceiver handshaking, and RF channel selection. In some
applications it can be used as a demodulator for amplitude-shift\keying (ASK) or on-off keying (OOK)
modulation.


Similar Part No. - TRF6901PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results

Similar Description - TRF6901PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
   SINGLE CHIP RF TRANSCEIVER
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
logo
List of Unclassifed Man...
NRF0433 ETC-NRF0433 Datasheet
176Kb / 14P
   Single chip 433MHz RF Transceiver
logo
California Eastern Labs
ZIC2410 CEL-ZIC2410 Datasheet
3Mb / 119P
   Single-chip 2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com