Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92511 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92511
Description  500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92511 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS92511 Datasheet HTML 9Page - Texas Instruments TPS92511 Datasheet HTML 10Page - Texas Instruments TPS92511 Datasheet HTML 11Page - Texas Instruments TPS92511 Datasheet HTML 12Page - Texas Instruments TPS92511 Datasheet HTML 13Page - Texas Instruments TPS92511 Datasheet HTML 14Page - Texas Instruments TPS92511 Datasheet HTML 15Page - Texas Instruments TPS92511 Datasheet HTML 16Page - Texas Instruments TPS92511 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
SW
IN
1
L
LED
LED
IN
1
f
V
I
2
V
V
V
L
'

SW
on
IN
LED
f
t
V
V

1
LED
IN
on
1
L
L
V
V
t
I
2

'
SW
IN
LED
f
ns
400
V
V
K
J
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
3
4
5
6
7
8
9
10
R
IADJ (k:)
C007
TPS92511
www.ti.com
SNVS901A – MARCH 2014 – REVISED MAY 2014
Figure 17. LED Current vs RIADJ
Table 2. Commonly Used ILED And RIADJ
ILED (mA)
RIADJ (kΩ)
150
10
350
4.32
500
3.01
7.3.7 Integrated MOSFET
The TPS92511 integrates a N-channel power MOSFET, the drain of which is connected to the LX pin. When the
integrated MOSFET is turned on, the resistance across the LX and GND pins is typically 1.4
Ω. The integrated
MOSFET has a fixed current limit of 1.2A to protect the application circuit during critical operation conditions like
short circuit of the LED string. Once the limit is hit, the integrated MOSFET turns off immediately for 34 µs to let
the inductor discharge.
The minimum on-time of the integrated MOSFET is 400 ns. It may be hit at a high switching frequency and a
high VIN/VLED ratio. Once hit, the ILED regulation may be affected. In the worst case, ILED may be boost up to a
level higher than the programmed value, and the LED string and/or the inductor may be damaged as a result.
Hence, it is recommened that the ratio between VIN and VLED should be designed under the following constraint:
(3)
7.3.8 Inductor Selection
Operating in the continuous conduction mode (CCM) is required in the TPS92511 application circuit. In the CCM,
considering the on-period, the peak-to-peak inductor current ripple (2
ΔIL1) is shown in Equation 4.
(4)
Because
(5)
L1 can be a function of VIN, VLED, fSW and ΔIL1 as shown in Equation 6 .
(6)
The value of L1 is selected by designers with the consideration of all above parameters. The minimum L1
calculated by the following equation is a good starting point for designing L1:
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS92511


Similar Part No. - TPS92511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM9882 HMSEMI-HM9882 Datasheet
594Kb / 5P
   External MOS average current type LED buck constant current driver
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com