Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92511 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92511
Description  500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92511 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS92511 Datasheet HTML 8Page - Texas Instruments TPS92511 Datasheet HTML 9Page - Texas Instruments TPS92511 Datasheet HTML 10Page - Texas Instruments TPS92511 Datasheet HTML 11Page - Texas Instruments TPS92511 Datasheet HTML 12Page - Texas Instruments TPS92511 Datasheet HTML 13Page - Texas Instruments TPS92511 Datasheet HTML 14Page - Texas Instruments TPS92511 Datasheet HTML 15Page - Texas Instruments TPS92511 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
A
R
1500
I
IADJ
LED 
50
100
150
200
250
300
350
400
450
500
20
40
60
80
100 120 140 160 180 200
R
FS (k:)
C006
kHz
R
10
10
f
FS
6
SW
K

TPS92511
SNVS901A – MARCH 2014 – REVISED MAY 2014
www.ti.com
Feature Description (continued)
7.3.4 Internal Regulator
The TPS92511 integrates an internal voltage regulator for powering internal circuitry. For stability, an external
capacitor CVCC of at least 1 μF should be connected between the VCC and PGND pins The output of the internal
regulator VCC is 5.4V when VIN is larger than 6V. If VIN is lower than 6V, VCC decreases. The TPS92511 will
trigger the VCC under-voltage lock-out if VCC falls below typically 3.5V. VCC can be used to bias external circuits
subject to a loading of maximum 2 mA, while it has a short circuit current limit at typically 16 mA.
7.3.5 Setting The Switching Frequency
The switching frequency fSW of the TPS92511 is programmable in the range of 50 kHz to 500 kHz by a single
resistor RFS connecting the FS pin and ground. The following equation shows the relationship between fSW and
RFS:
(1)
Figure 16 plots fsw against RFS. Table 1 shows values of RFS for commonly used switching frequencies.
Figure 16. Switching Frequency vs RFS
Table 1. Commonly Used fSW And RFS
fSW (kHz)
RFS (kΩ)
50
200
100
100
300
33.2
500
20
7.3.6 Setting The LED Current
The LED current ILED of the TPS92511 is programmable by a single resistor RIADJ connecting the IADJ pin and
ground. The IADJ pin is internally biased to 1.25 V. Equation 2 shows the relationship between ILED and RIADJ:
(2)
To ensure stability, RIADJ must be less that 30 kΩ, implying a minimum ILED of 50 mA can be programmed. The
tolerance of ILED of 150 mA is shown in the ELECTRICAL CHARACTERISTICS. Larger tolerance should be
expected for lower ILED. Figure 17 plots ILED against RIADJ. Table 2 shows values of RIADJ for commonly used ILED.
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS92511


Similar Part No. - TPS92511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Similar Description - TPS92511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM9882 HMSEMI-HM9882 Datasheet
594Kb / 5P
   External MOS average current type LED buck constant current driver
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com