Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF8010_1998 Datasheet(PDF) 5 Page - Texas Instruments

Part # TRF8010_1998
Description  900-MHz RF TRANSMIT DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF8010_1998 Datasheet(HTML) 5 Page - Texas Instruments

  TRF8010_1998 Datasheet HTML 1Page - Texas Instruments TRF8010_1998 Datasheet HTML 2Page - Texas Instruments TRF8010_1998 Datasheet HTML 3Page - Texas Instruments TRF8010_1998 Datasheet HTML 4Page - Texas Instruments TRF8010_1998 Datasheet HTML 5Page - Texas Instruments TRF8010_1998 Datasheet HTML 6Page - Texas Instruments TRF8010_1998 Datasheet HTML 7Page - Texas Instruments TRF8010_1998 Datasheet HTML 8Page - Texas Instruments TRF8010_1998 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TRF8010
900-MHz RF TRANSMIT DRIVER
SLWS031B – JULY 1996– REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
25
PI – Input Power – dBm
–20
–15
–10
–5
0
5
20
15
10
5
VCC = 4.8 V
VPC = 3 V
Freq = 900 MHz
OUTPUT POWER
vs
INPUT POWER
25
°C
85
°C
–40
°C/25°C
Figure 2
25
PI – Input Power – dBm
–20
–15
–10
–5
0
5
20
15
10
5
0
35
30
25
°C
–40
°C
VCC = 4.8 V
VPC = 3 V
Freq = 900 MHz
POWER ADDED EFFICIENCY
vs
INPUT POWER
85
°C
Figure 3
22
f – Frequency – MHz
860
870
880
890
900
940
21.5
21
20.5
20
23
22.5
VCC = 4.8 V
VPC = 3 V
PI = 0 dBm
OUTPUT POWER AND POWER
ADDED EFFICIENCY
vs
FREQUENCY
30
28
26
24
22
34
32
25
°C
–40
°C
85
°C
–40
°C
25
°C
85
°C
PAE
PO
910
920
930


Similar Part No. - TRF8010_1998

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF8010PWP TI-TRF8010PWP Datasheet
185Kb / 10P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
More results

Similar Description - TRF8010_1998

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF8010 TI-TRF8010 Datasheet
185Kb / 10P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
TRF8011 TI1-TRF8011_09 Datasheet
154Kb / 8P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
TRF8011 TI-TRF8011 Datasheet
142Kb / 8P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
logo
API Technologies Corp
CMN538-60 APITECH-CMN538-60 Datasheet
132Kb / 2P
   900 MHz Transmit Filter, 60dB Rejection
CMN538-40 APITECH-CMN538-40 Datasheet
122Kb / 2P
   900 MHz Transmit Filter, 40dB Rejection
CMN538-20 APITECH-CMN538-20 Datasheet
129Kb / 2P
   900 MHz Transmit Filter, 20dB Rejection
logo
Analog Devices
AD6190 AD-AD6190 Datasheet
150Kb / 8P
   900 MHz RF Transceiver
REV. 0
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
   900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
SA9025 PHILIPS-SA9025 Datasheet
134Kb / 23P
   900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
1997 Aug 01
logo
ATMEL Corporation
AT48810 ATMEL-AT48810 Datasheet
31Kb / 5P
   900 MHz Spread- Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com