Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF8011PWPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF8011PWPR
Description  900-MHz RF TRANSMIT DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF8011PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TRF8011PWPR Datasheet HTML 1Page - Texas Instruments TRF8011PWPR Datasheet HTML 2Page - Texas Instruments TRF8011PWPR Datasheet HTML 3Page - Texas Instruments TRF8011PWPR Datasheet HTML 4Page - Texas Instruments TRF8011PWPR Datasheet HTML 5Page - Texas Instruments TRF8011PWPR Datasheet HTML 6Page - Texas Instruments TRF8011PWPR Datasheet HTML 7Page - Texas Instruments TRF8011PWPR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TRF8011
900MHz RF TRANSMIT DRIVER
SLWS056C − FEBRUARY 1997 − REVISED SEPTEMBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operates from 4.8-V Power Supply for
900-MHz Applications
D Unconditionally Stable
D Wide UHF Frequency Range: 800 MHz to
1000 MHz
D 24.5 dBm Typical Output Power
D Linear Ramp Control
D Transmit Enable/Disable Control
D Advanced BiCMOS Processing Technology
for Low-Power Consumption, High
Efficiency, and Highly Linear Operation
D Minimum of External Components
Required for Operation
D Thermally Enhanced Surface-Mount
Package for Extremely Small Circuit
Footprint
description
The TRF8011 RF transmit driver amplifier is for use in 800 to 1000 MHz wireless communication systems. It
consists of a two-stage amplifier and a linear ramp controller for burst control in TDMA (time-division multiple
access) applications. Very few external components are required for operation. The input is dc-blocked and
requires no external matching. The output requires external matching suitable for the application frequency.
The device is enabled when the TXEN input is held high. A power control signal applied to the VPC input can
ramp the RF output power up or down to meet ramp and spurious emission specifications in TDMA systems.
The power control signal causes a linear change in output power as the voltage applied to VPC varies between
0 V and 3 V. With the RF input power applied to RFIN at 5 dBm and TXEN high, adjusting VPC from 0 V to 3 V
increases the output power from a typical value of −50 dBm to 24.5 dBm at 900 MHz. Forward isolation with
the input power applied to RFIN at 5 dBm, VPC = 0 V, and TXEN high is typically greater than 50 dB.
The TRF8011 is available in a thermally enhanced, surface-mount, 20-pin PowerPAD
(PWP) thin-shrink small
outline package (TSSOP) and is characterized for operation from −40
°C to 85°C. The PWP package has a
solderable pad that can improve the package thermal performance by bonding the pad to an external thermal
plane. The pad also acts as a low-inductance electrical path to ground and must be electrically connected to
the PCB ground plane as a continuation of the regular package terminals that are designated GND.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GND
RFIN
GND
NC
VPC
GND
NC
VBB
GND
GND
GND
RFOUT
GND
GND
TXEN
GND
VCC
VCC
GND
PWP PACKAGE
(TOP VIEW)
NC − No internal connection
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TRF8011PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF8011PWP TI-TRF8011PWP Datasheet
142Kb / 8P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
More results

Similar Description - TRF8011PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF8010 TI-TRF8010 Datasheet
185Kb / 10P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
TRF8010_1998 TI1-TRF8010_1998 Datasheet
188Kb / 10P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
TRF8011 TI-TRF8011 Datasheet
142Kb / 8P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
logo
API Technologies Corp
CMN538-60 APITECH-CMN538-60 Datasheet
132Kb / 2P
   900 MHz Transmit Filter, 60dB Rejection
CMN538-40 APITECH-CMN538-40 Datasheet
122Kb / 2P
   900 MHz Transmit Filter, 40dB Rejection
CMN538-20 APITECH-CMN538-20 Datasheet
129Kb / 2P
   900 MHz Transmit Filter, 20dB Rejection
logo
Analog Devices
AD6190 AD-AD6190 Datasheet
150Kb / 8P
   900 MHz RF Transceiver
REV. 0
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
   900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
SA9025 PHILIPS-SA9025 Datasheet
134Kb / 23P
   900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
1997 Aug 01
logo
ATMEL Corporation
AT48810 ATMEL-AT48810 Datasheet
31Kb / 5P
   900 MHz Spread- Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com