Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF370333IRGETG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TRF370333IRGETG4
Description  0.35-GHz TO 4-GHz QUADRATURE MODULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF370333IRGETG4 Datasheet(HTML) 4 Page - Texas Instruments

  TRF370333IRGETG4 Datasheet HTML 1Page - Texas Instruments TRF370333IRGETG4 Datasheet HTML 2Page - Texas Instruments TRF370333IRGETG4 Datasheet HTML 3Page - Texas Instruments TRF370333IRGETG4 Datasheet HTML 4Page - Texas Instruments TRF370333IRGETG4 Datasheet HTML 5Page - Texas Instruments TRF370333IRGETG4 Datasheet HTML 6Page - Texas Instruments TRF370333IRGETG4 Datasheet HTML 7Page - Texas Instruments TRF370333IRGETG4 Datasheet HTML 8Page - Texas Instruments TRF370333IRGETG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TRF370315
TRF370333
SLWS184J
– MARCH 2006 – REVISED MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Parameters
Total supply current (1.5 V CM)
TA = 25°C
195
205
ICC
mA
Total supply current (3.3 V CM)
TA = 25°C
210
235
LO Input (50-
Ω, Single-Ended)
LO frequency range
0.35
4
GHz
fLO
LO input power
–5
0
12
dBm
LO port return loss
15
dB
Baseband Inputs
TRF370333
3.3
VCM
I and Q input dc common voltage
V
TRF370315
1.5
BW
1-dB input frequency bandwidth
350
MHz
Input impedance, resistance
10
k
TRF370333
Input impedance, parallel capacitance
3
pF
ZI(single
ended)
Input impedance, resistance
5
k
TRF370315
Input impedance, parallel capacitance
3
pF
ELECTRICAL CHARACTERISTICS
Over recommended operating conditions, power supply = 5 V, TA = 25°C, fLO = 350 MHz at 0 dBm, TRF370333 (unless
otherwise noted).
RF Output Parameters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRF370315: Output RMS voltage over input I (or Q) RMS
–4.18
dB
voltage
G
Voltage gain(1)
TRF370333: Output RMS voltage over input I (or Q) RMS
–4.0
dB
voltage
P1dB
Output compression point
9.4
dBm
IP3
Output IP3
24.5
dBm
IP2
Output IP2
Measured at fLO + 2 × fBB
73.8
dBm
Carrier feedthrough
Unadjusted
35.6
dBm
Sideband suppression
Unadjusted
33.8
dBc
DC only to BB inputs, 13 MHz offset from fLO
–158.0
Output noise floor
1.8-MHz offset from fLO; 1 CW tone; Pout = 0 dBm
–152.6
dBm/Hz
6-MHz offset from fLO; 1 CW tone; Pout = 0 dBm
–157.4
(1)
Single 4-MHz CW baseband input tone, differential-ended 196 VRMS.
ELECTRICAL CHARACTERISTICS
Over recommended operating conditions, power supply = 5 V, TA = 25°C, fLO = 400 MHz at 0 dBm, TRF370315 (unless
otherwise noted).
RF Output Parameters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRF370315: Output RMS voltage over input I (or Q) RMS
–2.409
dB
voltage
G
Voltage gain(1)
TRF370333: Output RMS voltage over input I (or Q) RMS
–1.905
dB
voltage
P1dB
Output compression point
9.4
dBm
IP3
Output IP3
20
23
dBm
IP2
Output IP2
Measured at fLO + 2 × fBB
62
dBm
Carrier feedthrough
Unadjusted
–37
dBm
Sideband suppression
Unadjusted
–39
dBc
(1)
Single 4-MHz CW baseband input tone, differential-ended 196 VRMS.
4
Copyright
© 2006–2011, Texas Instruments Incorporated


Similar Part No. - TRF370333IRGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370333IRGETG4 TI-TRF370333IRGETG4 Datasheet
546Kb / 22P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370333IRGETG4 TI-TRF370333IRGETG4 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370333IRGETG4 TI-TRF370333IRGETG4 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370333IRGETG4 TI1-TRF370333IRGETG4 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370333IRGETG4 TI1-TRF370333IRGETG4 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
More results

Similar Description - TRF370333IRGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370315 TI1-TRF370315 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370317 TI1-TRF370317 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703 Datasheet
546Kb / 22P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com