Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT-63ETX Datasheet(PDF) 7 Page - Copal Electronics

Part # FT-63ETX
Description  SINGLE TURN CERMET TRIMMERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

FT-63ETX Datasheet(HTML) 7 Page - Copal Electronics

  FT-63ETX Datasheet HTML 1Page - Copal Electronics FT-63ETX Datasheet HTML 2Page - Copal Electronics FT-63ETX Datasheet HTML 3Page - Copal Electronics FT-63ETX Datasheet HTML 4Page - Copal Electronics FT-63ETX Datasheet HTML 5Page - Copal Electronics FT-63ETX Datasheet HTML 6Page - Copal Electronics FT-63ETX Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
FT-63
CERMET TRIMMERS
<Taping packaging specifications>
Taping version is packaged in 1000 pcs. per reel.
Orders will be accepted for units of 1000 pcs., i.e., 1000,
2000, 3000 pcs., etc.
Tape & reel version contains 1000 pcs. in one box.
<Bulk pack specifications>
Unit of bulk pack in a plastic bag is 100 pcs. per pack.
Boxing of bulk in a plastic bag is performed with 1000 pcs.
per box.
Ammo pack type
#1 terminal
Direction of feed
Direction of feed
#3 terminal
330
330
Ammo Pack
Package size: 330 mm
× 330 mm × 45 mm
The leader and end of the tape have an empty par t of
minimum 300 mm respectively.
There are two tape outlets on the package for different terminal
alignment directions, for which details refer to the sketch above.
(e.g.) When the tape is fed from the right outlet marked
3, #3 terminal
comes out first.
Gross weight of the boxing version
ETV : Approx. 850 g
ETH : Approx. 940 g
ETP : Approx. 820 g
ETS : Approx. 940 g
PACKAGING SPECIFICATIONS


Similar Part No. - FT-63ETX

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FT-6Z PREMO-FT-6Z Datasheet
146Kb / 1P
   IEC Connector Filter
FT-6ZM PREMO-FT-6ZM Datasheet
146Kb / 1P
   IEC Connector Filter
More results

Similar Description - FT-63ETX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6EP102 ETC2-CT6EP102 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT6EP103 COPAL-CT6EP103 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-13SR102 ETC2-RJ-13SR102 Datasheet
121Kb / 4P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
RJ-4 COPAL-RJ-4 Datasheet
270Kb / 3P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-6S205 ETC2-RJ-6S205 Datasheet
120Kb / 4P
   SINGLE TURN CERMET TRIMMERS
CT-6ETV5K ETC2-CT-6ETV5K Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
CT6EP501 ETC2-CT6EP501 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63ETH100 COPAL-FT63ETH100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT-6 COPAL-CT-6 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com