Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT-63 Datasheet(PDF) 3 Page - Copal Electronics

Part # FT-63
Description  SINGLE TURN CERMET TRIMMERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

FT-63 Datasheet(HTML) 3 Page - Copal Electronics

  FT-63 Datasheet HTML 1Page - Copal Electronics FT-63 Datasheet HTML 2Page - Copal Electronics FT-63 Datasheet HTML 3Page - Copal Electronics FT-63 Datasheet HTML 4Page - Copal Electronics FT-63 Datasheet HTML 5Page - Copal Electronics FT-63 Datasheet HTML 6Page - Copal Electronics FT-63 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Test item
Test conditions
Specifications
Thermal shock
Humidity
Shock
Vibration
Load life
Low temp. operation
High temp. exposure
Immersion seal
Soldering heat
ΔR/R:Change in total resistance
S.S.
:Setting stability
−65 ~ 125 °C
(0.5 h), 5 cycles
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
−10 ~ 65 °C (80 ~ 98 %),
10 cycles, 240 h
[
ΔR/R ≦ 2 %]
981 m/s
2, 6 ms
6 directions for 3 times each
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
(Amplitude) 1.52 mm or
(Acceleration) 196 m/s
2,
10 ~ 2000 Hz, 3 directions,
12 times each
70 °C, 0.5 W
1000 h
[
ΔR/R ≦ 3 %]
[S.S.
≦ 1 %]
−55 °C, 2 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 2 %]
125 °C, 250 h
[
ΔR/R ≦ 3 %]
[S.S.
≦ 2 %]
85 °C, 60 s
No leaks (No continuous bubbles)
Flow
260 ± 3 °C, 5 ~ 6 s, two times maximum
Manual soldering
380 ± 10 °C, 3 ~ 4 s
[
ΔR/R ≦ 1 %]
Nominal resistance
values (
Ω)
Resistance code Maximum input
voltage (V)
Maximum wiper
current (mA)
A
10
100
2.24
223
A
20
200
3.16
158
50
500
5.00
100
100
101
7.07
70.7
200
201
10.0
50.0
300
301
12.2
40.8
500
501
15.8
31.6
1 k
102
22.4
22.4
2 k
202
31.6
15.8
3 k
302
38.7
12.9
5 k
502
50.0
10.0
10 k
103
70.7
7.07
20 k
203
100
5.00
30 k
303
122
4.08
50 k
503
158
3.16
100 k
104
200
2.00
200 k
204
200
1.00
300 k
304
200
0.66
500 k
504
200
0.40
1 M
105
200
0.20
2 M
205
200
0.10
The products indicated by
A mark are manufactured upon receipt of
order basis.
ENVIRONMENTAL CHARACTERISTICS
FT-63
CERMET TRIMMERS
MAXIMUM INPUT RATINGS


Similar Part No. - FT-63

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FT-6Z PREMO-FT-6Z Datasheet
146Kb / 1P
   IEC Connector Filter
FT-6ZM PREMO-FT-6ZM Datasheet
146Kb / 1P
   IEC Connector Filter
More results

Similar Description - FT-63

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6EP102 ETC2-CT6EP102 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT6EP103 COPAL-CT6EP103 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-13SR102 ETC2-RJ-13SR102 Datasheet
121Kb / 4P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
RJ-4 COPAL-RJ-4 Datasheet
270Kb / 3P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-6S205 ETC2-RJ-6S205 Datasheet
120Kb / 4P
   SINGLE TURN CERMET TRIMMERS
CT-6ETV5K ETC2-CT-6ETV5K Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
CT6EP501 ETC2-CT6EP501 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63ETH100 COPAL-FT63ETH100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT-6 COPAL-CT-6 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com