Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LC863524 Datasheet(PDF) 18 Page - Sanyo Semicon Device

Part No. LC863524
Description  8-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC863524 Datasheet(HTML) 18 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
LC863532A/28A/24A/20A/16A
No.6844-18/19
Figure 6
FILT recommended circuit
(Note)
Place FILT parts on board as close to the microcontroller as possible.
S : start condition
tsp : Spike suppression
Standard mode : not exist
P : stop condition
High speed mode : less than 50ns
Sr : restart condition
Figure 7
IIC timing
Figure 8
R.G.B. analog output equivalent circuit
FILT
100
1M
2.2
µF
33000pF
+
-
SDA
SCL
P
S
Sr
P
tBUF
tHD;STA
tR
tLOW
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tHD;STA
tsp
tSU;STO
PAD
I
≈1mA
R
≈500Ω
I
I


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn