Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-TA2012T Datasheet(PDF) 4 Page - Copal Electronics

Part # E-TA2012T
Description  THERMAL VARIABLE ATTENUATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

E-TA2012T Datasheet(HTML) 4 Page - Copal Electronics

  E-TA2012T Datasheet HTML 1Page - Copal Electronics E-TA2012T Datasheet HTML 2Page - Copal Electronics E-TA2012T Datasheet HTML 3Page - Copal Electronics E-TA2012T Datasheet HTML 4Page - Copal Electronics E-TA2012T Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ENVIRONMENTAL CHARACTERISTICS
REFLOW PROFILE FOR SOLDERING HEAT EVALUATION
Reflow : two times maximum
Peak : 250
Over 230
°C
Pre Heating Zone
180
°C
(
°C)
250
200
150
100
50
150
°C
90
± 30 s
30
± 10 s
Soldering Zone
Heating time
°C
+5
0
Test item
A short time overload voltage
Apply the rated voltage of 2.5 times for 5 sec.
Attenuation ± 0.1 dB
Load life
70 ± 3 °C, Apply rated voltage for 90 minutes followed by 30 minutes
Intermission. This cycle is repeated for 1000 hours.
Attenuation ± 0.2 dB
60 ± 2 °C, 90 ~ 95 %RH, Apply rated voltage for 90 minutes followed by
30 minutes Intermission. This cycle is repeated for 1000 hours.
Attenuation ± 0.2 dB
Thermal shock
– 40 °C ~ 100 °C (0.5 h), 5 cycles
Attenuation ± 0.1 dB
Vibration
(Vibration)10 ∼ 55 Hz、
(Amplitude)1.5 mm、
10-55-10 Hz/minutes、xyz 2h each
Attenuation ± 0.1 dB
Soldering heat
Peak temperature 255 °C, two times maximum
Attenuation ± 0.1 dB
Solderability
245 ± 5 °C (lead free), 3 ± 0.5 s
95 % or more of the immersed area
should be adequately wetted.
Test conditions
Specifications
Taping packaging specifications
Bulk pack specifications
PACKAGING SPECIFICATIONS
E-TA
THERMAL VARIABLE ATTENUATORS


Similar Part No. - E-TA2012T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E-TC ETC-E-TC Datasheet
900Kb / 5P
   Ethernet-based 8-Channel Thermocouple Input Device
April 2020. 4
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
E-TDA7348D STMICROELECTRONICS-E-TDA7348D Datasheet
220Kb / 20P
   Digitally controlled audio processor
E-TDA7348D013TR STMICROELECTRONICS-E-TDA7348D013TR Datasheet
220Kb / 20P
   Digitally controlled audio processor
E-TDA7375V STMICROELECTRONICS-E-TDA7375V Datasheet
299Kb / 15P
   2 x 35W dual/quad power amplifier for car radio
September 2013 Rev. 5
More results

Similar Description - E-TA2012T

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
ARC-1 MERRIMAC-ARC-1 Datasheet
247Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
Hirose Electric
HRLA-C1ML-06-PJ HIROSE-HRLA-C1ML-06-PJ Datasheet
104Kb / 2P
   Optical Variable Attenuators
logo
BOWEI Integrated Circui...
HE411B BOWEI-HE411B Datasheet
68Kb / 1P
   Voltage Variable Attenuators
HE891A BOWEI-HE891A Datasheet
86Kb / 1P
   Voltage Variable Attenuators
HE893 BOWEI-HE893 Datasheet
78Kb / 1P
   Voltage Variable Attenuators
logo
Merrimac Industries, In...
AR-1 MERRIMAC-AR-1 Datasheet
244Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
JDS Uniphase Corporatio...
VSA-0CNHC10NC JDSU-VSA-0CNHC10NC Datasheet
134Kb / 3P
   Variable Slope Attenuators
logo
BOWEI Integrated Circui...
HE892 BOWEI-HE892 Datasheet
71Kb / 1P
   Voltage Variable Attenuators
logo
CML Microcircuits
DB839 CMLMICRO-DB839 Datasheet
169Kb / 20P
   Two Variable Attenuators
logo
Qualwave Inc. All right...
QCA1 QUALWAVE-QCA1 Datasheet
144Kb / 1P
   Continuously Variable Attenuators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com