Electronic Components Datasheet Search |
|
RCA2010KJHEG Datasheet(PDF) 2 Page - Vishay Siliconix |
|
RCA2010KJHEG Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 6 page RCA e3 www.vishay.com Vishay Draloric Revision: 08-Apr-14 2 Document Number: 20037 For technical questions, contact: thickfilmchip@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded. Notes (2) Preferred way for ordering products is by use of the PART NUMBER (3) Please refer to table PACKAGING, see next page TECHNICAL SPECIFICATIONS PARAMETER UNIT RCA0402 RCA0603 RCA0805 RCA1206 RCA1210 RCA1218 RCA2010 RCA2512 Rated dissipation P70 (1) W 0.063 0.10 0.125 0.25 0.5 1.0 0.75 1.0 Limiting element voltage Umax. AC/DC V 50 75 150 200 200 200 400 500 Insulation voltage Uins. (1 min) V > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 Insulation resistance > 109 Category temperature range °C - 55 to + 155 Failure rate h-1 < 0.1 × 10-9 Mass mg 0.65 2 5.5 10 16 29.5 25.5 40.5 PART NUMBER AND PRODUCT DESCRIPTION Part Number: RCA080510K0FKEA (2) MODEL VALUE TOLERANCE TCR PACKAGING (3) RCA0402 RCA0603 RCA0805 RCA1206 RCA1210 RCA1218 RCA2010 RCA2512 R = Decimal K = Thousand M = Million 0000 = 0 Jumper D = ± 0.5 % F = ± 1 % J = ± 5 % Z = Jumper H = ± 50 ppm/K K = ± 100 ppm/K N = ± 200 ppm/K S = Jumper EA EB EC ED EE EF EG EH EK Product Description: RCA0805 10K 1 % 100 ET1 e3 RCA0805 10K 1 % 100 ET1 e3 MODEL RESISTANCE VALUE TOLERANCE TCR PACKAGING (3) LEAD (Pb)-FREE RCA0402 RCA0603 RCA0805 RCA1206 RCA1210 RCA1218 RCA2010 RCA2512 10R = 10 10K = 10 k 1M = 1 M 0R0 = Jumper ± 0.5 % ± 1 % ± 5 % ± 50 ppm/K ± 100 ppm/K ± 200 ppm/K ET1, ET5 ET6, ET7 EF4, E02 E67, E82 ET9 e3 = Pure tin termination finish R C A 0 8 0 5 1 0 K 0 F K E A |
Similar Part No. - RCA2010KJHEG |
|
Similar Description - RCA2010KJHEG |