Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6207N Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6207N
Description  DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207N Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6207N Datasheet HTML 6Page - STMicroelectronics L6207N Datasheet HTML 7Page - STMicroelectronics L6207N Datasheet HTML 8Page - STMicroelectronics L6207N Datasheet HTML 9Page - STMicroelectronics L6207N Datasheet HTML 10Page - STMicroelectronics L6207N Datasheet HTML 11Page - STMicroelectronics L6207N Datasheet HTML 12Page - STMicroelectronics L6207N Datasheet HTML 13Page - STMicroelectronics L6207N Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
L6207
10/23
Figure 8. Output Current Regulation Waveforms
Figure 9 shows the magnitude of the Off Time tOFF versus COFF and ROFF values. It can be approximately cal-
culated from the equations:
tRCFALL = 0.6 · ROFF · COFF
tOFF = tRCFALL + tDT = 0.6 · ROFF · COFF + tDT
where ROFF and COFF are the external component values and tDT is the internally generated Dead Time with:
20K
Ω ≤ ROFF ≤ 100KΩ
0.47nF
≤ COFF ≤ 100nF
tDT = 1µs (typical value)
Therefore:
tOFF(MIN) = 6.6µs
tOFF(MAX) = 6ms
These values allow a sufficient range of tOFF to implement the drive circuit for most motors.
The capacitor value chosen for COFF also affects the Rise Time tRCRISE of the voltage at the pin RCOFF. The
Rise Time tRCRISE will only be an issue if the capacitor is not completely charged before the next time the
monostable is triggered. Therefore, the on time tON, which depends by motors and supply parameters, has to
OFF
BC
DD
A
tON
tOFF
BC
ON
2.5V
0
Slow Decay
Slow Decay
1
µs tBLANK
tRCRISE
tRCRISE
SYNCHRONOUS RECTIFICATION
1
µs tBLANK
5V
VRC
VSENSE
VREF
IOUT
VREF
RSENSE
D02IN1351
tOFF
1
µs tDT
1
µs tDT
tRCFALL
tRCFALL


Similar Part No. - L6207N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6207 STMICROELECTRONICS-L6207 Datasheet
1Mb / 53P
   APPLICATION NOTE
L6207PD013TR STMICROELECTRONICS-L6207PD013TR Datasheet
633Kb / 33P
   DMOS dual full bridge driver with PWM current controller
L6207Q STMICROELECTRONICS-L6207Q Datasheet
636Kb / 27P
   DMOS dual full bridge driver
More results

Similar Description - L6207N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6227Q STMICROELECTRONICS-L6227Q_09 Datasheet
389Kb / 27P
   DMOS dual full bridge driver with PWM current controller
L6227 STMICROELECTRONICS-L6227 Datasheet
380Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
L6207PD013TR STMICROELECTRONICS-L6207PD013TR Datasheet
633Kb / 33P
   DMOS dual full bridge driver with PWM current controller
L6227Q STMICROELECTRONICS-L6227Q Datasheet
437Kb / 27P
   DMOS dual full bridge driver with PWM current controller
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com