Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6207 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6207
Description  DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6207 Datasheet HTML 5Page - STMicroelectronics L6207 Datasheet HTML 6Page - STMicroelectronics L6207 Datasheet HTML 7Page - STMicroelectronics L6207 Datasheet HTML 8Page - STMicroelectronics L6207 Datasheet HTML 9Page - STMicroelectronics L6207 Datasheet HTML 10Page - STMicroelectronics L6207 Datasheet HTML 11Page - STMicroelectronics L6207 Datasheet HTML 12Page - STMicroelectronics L6207 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
L6207
TRUTH TABLE
X
= Don't care
High Z
= High Impedance Output
GND (Vs)
= GND during Ton, Vs during Toff
(*) Valid only in case of load connected between OUT1 and OUT2
PWM CURRENT CONTROL
The L6207 includes a constant off time PWM current controller for each of the two bridges. The current control
circuit senses the bridge current by sensing the voltage drop across an external sense resistor connected be-
tween the source of the two lower power MOS transistors and ground, as shown in Figure 7. As the current in
the load builds up the voltage across the sense resistor increases proportionally. When the voltage drop across
the sense resistor becomes greater than the voltage at the reference input (VREFA or VREFB) the sense com-
parator triggers the monostable switching the low-side MOS off. The low-side MOS remain off for the time set
by the monostable and the motor current recirculates in the upper path. When the monostable times out the
bridge will again turn on. Since the internal dead time, used to prevent cross conduction in the bridge, delays
the turn on of the power MOS, the effective off time is the sum of the monostable time plus the dead time.
Figure 7. PWM Current Controller Simplified Schematic
Figure 8 shows the typical operating waveforms of the output current, the voltage drop across the sensing re-
sistor, the RC pin voltage and the status of the bridge. Immediately after the low-side Power MOS turns on, a
high peak current flows through the sensing resistor due to the reverse recovery of the freewheeling diodes. The
L6207 provides a 1
µs Blanking Time tBLANK that inhibits the comparator output so that this current spike cannot
prematurely re-trigger the monostable.
INPUTS
OUTPUTS
Description (*)
EN
IN1
IN2
OUT1
OUT2
L
X
X
High Z
High Z
Disable
H
L
L
GND
GND
Brake Mode (Lower Path)
H
H
L
Vs
GND (Vs)
Forward
H
L
H
GND (Vs)
Vs
Reverse
H
H
H
Vs
Vs
Brake Mode (Upper Path)
DRIVERS
+
DEAD TIME
S
Q
R
DRIVERS
+
DEAD TIME
2H
1H
2L
1L
OUT2A(or B)
SENSEA(or B)
RSENSE
D02IN1352
RCA(or B)
R
C
VREFA(or B)
IOUT
OUT1A(or B)
+
+
-
-
1
µs
5mA
BLANKER
SENSE
COMPARATOR
COMPARATOR
OUTPUT
MONOSTABLE
RESET
2.5V
5V
FROM THE
LOW-SIDE
GATE DRIVERS
LOADA
(or B)
BLANKING TIME
MONOSTABLE
VSA (or B)
TO GATE LOGIC
(0)
(1)


Similar Part No. - L6207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6207 STMICROELECTRONICS-L6207 Datasheet
1Mb / 53P
   APPLICATION NOTE
L6207PD013TR STMICROELECTRONICS-L6207PD013TR Datasheet
633Kb / 33P
   DMOS dual full bridge driver with PWM current controller
L6207Q STMICROELECTRONICS-L6207Q Datasheet
636Kb / 27P
   DMOS dual full bridge driver
More results

Similar Description - L6207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6227Q STMICROELECTRONICS-L6227Q_09 Datasheet
389Kb / 27P
   DMOS dual full bridge driver with PWM current controller
L6227 STMICROELECTRONICS-L6227 Datasheet
380Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
L6207PD013TR STMICROELECTRONICS-L6207PD013TR Datasheet
633Kb / 33P
   DMOS dual full bridge driver with PWM current controller
L6227Q STMICROELECTRONICS-L6227Q Datasheet
437Kb / 27P
   DMOS dual full bridge driver with PWM current controller
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com