Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC1017UPD-13 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # DMC1017UPD-13
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

DMC1017UPD-13 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  DMC1017UPD-13 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited DMC1017UPD-13 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited DMC1017UPD-13 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited DMC1017UPD-13 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited DMC1017UPD-13 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited DMC1017UPD-13 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited DMC1017UPD-13 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited DMC1017UPD-13 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited DMC1017UPD-13 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMC1017UPD
Document number: DS36903 Rev. 1 - 2
4 of 9
www.diodes.com
September 2015
© Diodes Incorporated
DMC1017UPD
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
0
0.5
1
1.5
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
T = 125°C
A
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
T = 150°C
A
T = -55°C
A
T = 25°C
A
T = 85°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
10
100
1000
10000
0
2
4
6
8
10
12
f = 1MHz
Ciss
Coss
C
rss
Q
(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
0
2
4
6
8
0
5
10
15
20
25
30
35
40
V
= 6V
I =
A
DS
D
11.8


Similar Part No. - DMC1017UPD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1017UPD-13 DIODES-DMC1017UPD-13 Datasheet
680Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC1017UPD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com