Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC1017UPD Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # DMC1017UPD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

DMC1017UPD Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  DMC1017UPD Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited DMC1017UPD Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited DMC1017UPD Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited DMC1017UPD Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited DMC1017UPD Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited DMC1017UPD Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited DMC1017UPD Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited DMC1017UPD Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited DMC1017UPD Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMC1017UPD
Document number: DS36903 Rev. 1 - 2
2 of 9
www.diodes.com
September 2015
© Diodes Incorporated
DMC1017UPD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Q1 Value
Q2 Value
Units
Drain-Source Voltage
VDSS
12
-12
V
Gate-Source Voltage
VGSS
±8
±8
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
9.5
7.6
-6.9
-5.5
A
t<10s
TA = +25°C
TA = +70°C
ID
13.0
10.4
-9.4
-7.5
A
Maximum Body Diode Forward Current
IS
2
-2
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
50
-35
A
Avalanche Current (Note 6) L = 0.1mH
IAS
9.7
-9.2
A
Avalanche Energy (Note 6) L = 0.1mH
EAS
4.7
4.3
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.3
W
TA = +70°C
1.5
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
54
°C/W
t<10s
29
Thermal Resistance, Junction to Case (Note 5)
RθJC
4.1
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics Q1 N-Channel (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
12
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS


1
µA
VDS = 12V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.6
1.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
9.6
17
m
Ω
VGS = 4.5V, ID = 11.8A
11
25
VGS = 2.5V, ID = 9.8A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 2.9A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
1787
pF
VDS = 6V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
297
Reverse Transfer Capacitance
Crss
265
Gate Resistance
RG

1.6

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
18.6
nC
VDS = 6V, ID = 11.8A
Total Gate Charge (VGS = 10V)
Qg
35.4
Gate-Source Charge
Qgs
2.7
Gate-Drain Charge
Qgd
3.8
Turn-On Delay Time
tD(on)
6.9
nS
VDD = 6V, RL = 6Ω
VGS = 4.5V, RG = 6Ω, ID = 1A
Turn-On Rise Time
tr
10.9
Turn-Off Delay Time
tD(off)
70.3
Turn-Off Fall Time
tf

31.8

Body Diode Reverse Recovery Time
trr
13.1
nS
IF = 11.8A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
2.2
nC
IF = 11.8A, di/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
6. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = 25°C.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMC1017UPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1017UPD DIODES-DMC1017UPD Datasheet
680Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1017UPD-13 DIODES-DMC1017UPD-13 Datasheet
680Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1017UPD DIODES-DMC1017UPD_15 Datasheet
456Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET POWERDI짰5060-8
More results

Similar Description - DMC1017UPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com