Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16256-60KI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS41LV16256-60KI
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV16256-60KI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS41LV16256-60KI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV16256-60KI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV16256-60KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV16256-60KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV16256-60KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV16256-60KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV16256-60KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV16256-60KI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41LV16256-60KI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. J
06/29/00
IS41C16256
IS41LV16256
ISSI®
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operation Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed
Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V
≤ VIN ≤ Vcc
–10
10
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–10
10
µA
0V
≤ VOUT ≤ Vcc
VOH
Output High Voltage Level
IOH = –2.5 mA
2.4
V
VOL
Output Low Voltage Level
IOL = +2.1 mA
0.4
V
ICC1
Stand-by Current: TTL
RAS, LCAS, UCAS
≥ VIH Commercial 5V
3mA
Industrial
5V
4
Commercial
3V
2
Industrial
3V
3
ICC2
Stand-by Current: CMOS
RAS, LCAS, UCAS
≥ VCC – 0.2V
5V
2mA
3V
1
ICC3
Operating Current:
RAS, LCAS, UCAS,
-35
230
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-50
180
Average Power Supply Current
-60
170
ICC4
Operating Current:
RAS = VIL, LCAS, UCAS,
-35
220
mA
EDO Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-50
170
Average Power Supply Current
-60
160
ICC5
Refresh Current:
RAS Cycling, LCAS, UCAS
≥ VIH
-35
230
mA
RAS-Only(2,3)
tRC = tRC (min.)
-50
180
Average Power Supply Current
-60
170
ICC6
Refresh Current:
RAS, LCAS, UCAS Cycling
-35
230
mA
CBR(2,3,5)
tRC = tRC (min.)
-50
180
Average Power Supply Current
-60
170
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IS41LV16256-60KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16256-60K ICSI-IS41LV16256-60K Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV16256-60KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com