Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ7915-TO220-3L Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJ7915-TO220-3L
Description  TO-220-3L Plastic-Encapsulate Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ7915-TO220-3L Datasheet(HTML) 1 Page - ZP Semiconductor

  CJ7915-TO220-3L Datasheet HTML 1Page - ZP Semiconductor CJ7915-TO220-3L Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Co
1μF
TO-220-3L Plastic-Encapsulate Voltage Regulator
CJ7915 Three-terminal negative voltage regulator
FEATURES
Maximum Output current IOM: 1.5 A
Output voltage Vo: - 15 V
Continuous total dissipation
PD:
1.5 W (Ta= 25
℃)
15 W (TC= 25
℃)
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
Vi
-35
V
Thermal
Resistance Junction-Air
RθJA
83.3
℃/W
Thermal
Resistance Junction-Case
RθJC
8.33
℃/W
Operating Junction Temperature Range
TOPR
0
~150
Storage Temperature Range
TSTG
-
55~+150
ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JUNCTION TEMPERATURE(Vi=-23V, Io=500mA, Ci=2.2μF,Co=1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
25
-14.4
-15
-15.6
V
Output voltage
Vo
-17.5V≤V i≤-30V, Io=5mA-1A,
P≤ 15W
0-125
-14.25
-15
-15.75
V
Io=5mA-1.5A
25
15
200
mV
Load
regulation
∆Vo
Io=250mA-750mA
25
5
75
mV
-17.5V≤V i≤-30V
25
5
100
mV
Line regulation
∆Vo
-20V≤V i≤-26V
25
3
50
mV
Quiescent
current
Iq
25
2
3
mA
∆Iq
-17.5V≤V i≤-30V
0-125
0.5
mA
Quiescent
current change
∆Iq
5mA≤I O≤1A
0-125
0.5
mA
Output
noise voltage
VN
10Hz≤f≤10
0KHz
25
375
μV
Output voltage drift
Vo/ T
△△
IO=5mA
0-125
-1
mV/℃
Ripple
rejection
RR
-18.5V≤V i≤-28.5V,f=120Hz
0-125
54
60
dB
Dropout
voltage
Vd
Io=1A
25
1.1
V
Peak
current
Ipk
25
2.1
A
TYPICAL APPLICATION
Vi
2
3
Vo
UTC
Ci
2.2μF
CJ7915
TO-220-3L
1 GND
2. IN
3.OUT
1 of 2
sales@zpsemi.com
www.zpsemi.com
CJ7915


Similar Part No. - CJ7915-TO220-3L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ7915-TO252-2L ZPSEMI-CJ7915-TO252-2L Datasheet
702Kb / 1P
   TO-252-2L Plastic-Encapsulate Voltage Regulator
More results

Similar Description - CJ7915-TO220-3L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ7909 ZPSEMI-CJ7909 Datasheet
614Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulator
CJ7815-TO220-3L ZPSEMI-CJ7815-TO220-3L Datasheet
574Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulator
CJ7809-TO220-3L ZPSEMI-CJ7809-TO220-3L Datasheet
702Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulator
CJ7808 ZPSEMI-CJ7808 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7805-TO220-3L ZPSEMI-CJ7805-TO220-3L Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7905-TO220-3L ZPSEMI-CJ7905-TO220-3L Datasheet
493Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7906 ZPSEMI-CJ7906 Datasheet
659Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7806-TO220-3L ZPSEMI-CJ7806-TO220-3L Datasheet
936Kb / 2P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7805H ZPSEMI-CJ7805H Datasheet
604Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7812-TO220-3L ZPSEMI-CJ7812-TO220-3L Datasheet
1,001Kb / 2P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com