Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW7032 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW7032
Description  32-Channel LED Driver for LCD Panel Backlighting
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7032 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW7032 Datasheet HTML 1Page - Dialog Semiconductor IW7032 Datasheet HTML 2Page - Dialog Semiconductor IW7032 Datasheet HTML 3Page - Dialog Semiconductor IW7032 Datasheet HTML 4Page - Dialog Semiconductor IW7032 Datasheet HTML 5Page - Dialog Semiconductor IW7032 Datasheet HTML 6Page - Dialog Semiconductor IW7032 Datasheet HTML 7Page - Dialog Semiconductor IW7032 Datasheet HTML 8Page - Dialog Semiconductor IW7032 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
iW7032
32-Channel LED Driver for LCD Panel Backlighting
Rev. 1.3
iW7032
Page 3
Pin #
Name
Type
Pin Description
1
EPGND
Ground
Exposed bottom pad used as the high current LED return current path.
2
GND1
Ground
Signal ground for FB1.
3
FB1
Analog Output
Analog DAC output interface with external Buck or Boost converter for LED
Boost/Buck group 1.
4, 5, 6, 7, 10,
11, 12, 13
LED00 - LED07
Analog Output
LED cathode connection for string 0 to string 7.
8, 9
EPGND
Ground
Exposed bottom pad used as the high current LED return current path.
14
EN
Digital Input
Enable Input. Logic high is defined as 3.3V.
15
LDO5
Analog Output
Internal +5V LDO output and analog power section supply.
16
LDO3
Analog Output
Internal +3.3V LDO output and digital power section supply.
17
EPGND
Ground
Exposed bottom pad used as the high current LED return current path.
18
VIN
Supply Input
Input voltage to the main supply rail.
19
AVSS
Ground
Analog ground return for LDO regulator.
20, 21, 22, 23,
26, 27, 28, 29
LED08 - LED15
Analog Output
LED cathode connection for string 8 to string 15.
24, 25
EPGND
Ground
Exposed bottom pad used as the high current LED return current path.
30
SCK
Digital Input
SCK, serial clock input for Serial Peripheral Interface (SPI). Logic high is
defined as 3.3V.
31
MOSI
Digital Input
Master output, slave input for SPI. Logic high is defined as 3.3V.
32
MISO
Digital 3 State
Output
Master input, slave output for SPI. Logic high is defined as 3.3V.
33
CSB
Digital Input
Slave select input for SPI (Chip Select Bar). Active LOW. Logic high is
defined as 3.3V.
34
GND2
Ground
Signal ground for FB2.
35
FB2
Analog Output
Analog DAC output interface with external Buck or Boost converter for LED
Boost/Buck group 2.
36, 37, 38, 39,
42, 43, 44, 45
LED16-LED23
Analog Output
LED cathode connection for string 16 to string 23.
40, 41
EPGND
Ground
Exposed bottom pad used as the high current LED return current path.
46
XO
Analog Output
External crystal connection XO pin with SYNCLK acting as XI pin.
47
SYNCLK
Digital Input
External clock input for the multiple chip system solution. Logic high is
defined as 3.3V.
48
EPGND
Ground
Exposed bottom pad used as the high current LED return current path.


Similar Part No. - IW7032

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7038 DIALOG-IW7038 Datasheet
526Kb / 7P
   16-Channel Internal Current Sink LED Backlighting
More results

Similar Description - IW7032

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
   8-Channel LED Driver for LCD Panel Backlighting
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
   6-Channel LED Driver for LCD Panel Backlighting
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com