Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW7032 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # IW7032
Description  32-Channel LED Driver for LCD Panel Backlighting
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7032 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button IW7032 Datasheet HTML 8Page - Dialog Semiconductor IW7032 Datasheet HTML 9Page - Dialog Semiconductor IW7032 Datasheet HTML 10Page - Dialog Semiconductor IW7032 Datasheet HTML 11Page - Dialog Semiconductor IW7032 Datasheet HTML 12Page - Dialog Semiconductor IW7032 Datasheet HTML 13Page - Dialog Semiconductor IW7032 Datasheet HTML 14Page - Dialog Semiconductor IW7032 Datasheet HTML 15Page - Dialog Semiconductor IW7032 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
iW7032
32-Channel LED Driver for LCD Panel Backlighting
Rev. 1.3
iW7032
Page 12
to settle at its highest possible setting to start out the
calibration sequence.
At this point, after the Boost/Buck voltage is ramped up,
all the channels should indicate that they are in regulation
through their individual LDOs FORCE_ON signal. There is a
regulation detector on the LDO regulation loop that monitors
multiple voltage potentials to ensure that the regulation is
operating with enough loop gain for guaranteeing regulation
and best efficiency. When the loop gain falls below the
lower-bound limit threshold, this indicates that the channel is
about to go out of regulation due to not having enough Boost/
Buck voltage head room for that channel. With the Boost/
Buck voltage at the maximum level, all channels should be
in regulation, and therefore this regulation detector output
called FORCE_ON should not be true.
For each group, the VDAC is increased 4 LSB at a time at
2 millisecond intervals by default, in a ramp decreasing the
Boost/Buck voltage. This occurs until one channel within
the Boost/Buck group indicates that it is coming out of
regulation. This is sequentially done for every Boost/Buck
group.
Then the VDAC output is decreased which increases the
Boost/Buck voltage at 1 LSB per 2 millisecond interval, by
default, until the FORCE_ON comparator output deactivates.
This is also accomplished for each Boost/Buck group. With
2 Boost/Buck groups and 256 possible steps for each
one, the maximum time for this operation is just over 0.25
seconds, but will most often be shorter since each VDAC
does not need to ramp the full distance. The above estimate
is based on SISET being larger than or equal to ISET. If this
is not true, the time can, under some circumstances, be a
little longer.
After completing this function with the Scanning Mode ISET
current setting, the whole process of VDAC calibration is
repeated using the Local Dimming Mode current settings.
Once the VDAC calibration is completed, a similar function
occurs with each IDAC. IDAC is the digital value (4-bits)
that drives the DAC for each channel controlling the LDO
current for the adaptive switching operation. This DAC is
seen for each channel in figure 9.1. Initially all of the IDAC
settings for the individual LDO’s are set to 0, meaning that
each channel is set up to operate at the current specified by
the ISET bits in the SPI interface. Now that the Boost/Buck
voltage is set to its ideal point where the weakest channel
within the Boost/Buck group is in regulation. One-by-one,
each channel will be adjusted within the Boost/Buck group
by incrementing the IDAC value one bit at a time at 1 bit per
4.5 microseconds while again monitoring the FORCE_ON
comparator output to determine when the LDO transistor
moves deeper inside the triode region indicating that it is
about to go out of regulation due to the current demand
exceeding that which is feasible with the previously adjusted
boost voltage. After the FORCE_ON comparator activates,
then the IDAC value is reduced again by one step at a time
until it deactivates again.
The calibration can be bypassed by setting cali_cfg to be
HIGH. If calibration is bypassed, 2-set internal VDACs
for LD & SC are automatically loaded from VDAC_LD and
VDAC_SC. The control flow to bypass calibration is shown
below.
IC Analog/Digital
/
Wakeup
Software Initializes IC
control registers (include
cali_cfg bit) and vdac pre-load
registers through SPI interface
IC installs VDAC external
calibration value (for LD/SC)
into internal registers
init_done
System Enable ICs
Initialization
Pre-calculation
Enter regualar PWM mode
Firmware updates bri, OTF
adjustment performs
idac is updated,
re-kick off pre-
calculation
Real-time calculation
Regular PWM
Cali_done
Figure 9.7. Control Flow to Bypass Calibration
9.3 Channel Grouping
Channel grouping allows multiple LED ports on the iW7032
IC to be connected together to one string of LED’s at a
higher current rating at the cost of a reduction in number
of strings controlled by a single iW7032 IC. For example,
if the LED string current is to operate at 240 mA per string,
the channel grouping can be set to 2 while the LDO Iset


Similar Part No. - IW7032

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7038 DIALOG-IW7038 Datasheet
526Kb / 7P
   16-Channel Internal Current Sink LED Backlighting
More results

Similar Description - IW7032

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
   8-Channel LED Driver for LCD Panel Backlighting
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
   6-Channel LED Driver for LCD Panel Backlighting
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com