Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW7023-00-QFN4 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # IW7023-00-QFN4
Description  16-Channel LED Driver for LCD Panel Backlighting
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7023-00-QFN4 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button IW7023-00-QFN4 Datasheet HTML 5Page - Dialog Semiconductor IW7023-00-QFN4 Datasheet HTML 6Page - Dialog Semiconductor IW7023-00-QFN4 Datasheet HTML 7Page - Dialog Semiconductor IW7023-00-QFN4 Datasheet HTML 8Page - Dialog Semiconductor IW7023-00-QFN4 Datasheet HTML 9Page - Dialog Semiconductor IW7023-00-QFN4 Datasheet HTML 10Page - Dialog Semiconductor IW7023-00-QFN4 Datasheet HTML 11Page - Dialog Semiconductor IW7023-00-QFN4 Datasheet HTML 12Page - Dialog Semiconductor IW7023-00-QFN4 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
iW7023
16-Channel LED Driver for LCD Panel Backlighting
Rev. 1.0
iW7023
© 2015 Dialog Semiconductor (UK) Ltd.
Datasheet
9 of 35
Parameter
Symbol
Test Conditions
Min Typ Max Unit
Current Generation SECTION (Continued)
Junction Temperature
Normal operation temperature
range
-40
150
°C
Storage Temperature
Storage temperature range
-40
150
°C
Thermal Resistance Junction-to-Ambient
θJA
Common air flow = 0 m/sec
TBD
°C/W
Thermo Shutdown SECTION
Thermal shutdown threshold
TSHDN
Thermal shutdown/Turn-off
temperature
145
°C
Thermal shutdown hysteresis
30
°C
Feedback Pins SECTION
FB, min
FB minimum voltage
VDAC = 00, No loading
200
240
260
mV
FB, max
FB maximum voltage
VDAC = FF, No loading
2.45
2.55
2.65
V
FB sink
When FB varies by 1% of its
unloaded target value
100
µA
FB source
When FB varies by 1% of its
unloaded target value
100
µA
Electrical Characteristics (cont.)
Vin = 24V, 0°C ≤ TA ≤ 85°C, unless otherwise specified


Similar Part No. - IW7023-00-QFN4

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
More results

Similar Description - IW7023-00-QFN4

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
   8-Channel LED Driver for LCD Panel Backlighting
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
   6-Channel LED Driver for LCD Panel Backlighting
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
   32-Channel LED Driver for LCD Panel Backlighting
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com