Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW7023 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # IW7023
Description  16-Channel LED Driver for LCD Panel Backlighting
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW7023 Datasheet(HTML) 5 Page - Dialog Semiconductor

  IW7023 Datasheet HTML 1Page - Dialog Semiconductor IW7023 Datasheet HTML 2Page - Dialog Semiconductor IW7023 Datasheet HTML 3Page - Dialog Semiconductor IW7023 Datasheet HTML 4Page - Dialog Semiconductor IW7023 Datasheet HTML 5Page - Dialog Semiconductor IW7023 Datasheet HTML 6Page - Dialog Semiconductor IW7023 Datasheet HTML 7Page - Dialog Semiconductor IW7023 Datasheet HTML 8Page - Dialog Semiconductor IW7023 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
iW7023
16-Channel LED Driver for LCD Panel Backlighting
Rev. 1.0
iW7023
© 2015 Dialog Semiconductor (UK) Ltd.
Datasheet
5 of 35
Pin #
Name
Type
Pin Description
27
FAULTB
Analog Output
Fault status (Active Low) - Open drain. Pull-up to LDO3 with a100kW
+0.1% resistor.
28
LED9
Analog Output
LED cathode connection for string 9.
29
LED10
Analog Output
LED cathode connection for string 10.
30
EPGND
Ground
Exposed bottom pad used as the high current LED return current path.
31
EPGND
Ground
Exposed bottom pad used as the high current LED return current path.
32
LED11
Analog Output
LED cathode connection for string 11.
33
LED12
Analog Output
LED cathode connection for string 12.
34
NC
N/A
No connection.
35
XO
Analog Output
External crystal connection XO pin with SYNCLK acting as XI pin.
36
SYNCLK
Digital Input
External clock input for the multiple chip system solution. Logic high is
defined as 3.3V.
37
CPLL
Analog Output
PLL compensation output.
38
NC
N/A
No connection.
39
VSYNC
Digital Input
Vertical SYNC input. [Optional direct PWM control] Logic high is defined
as 3.3V.
40
LED13
Analog Output
LED cathode connection for string 13.
41
LED14
Analog Output
LED cathode connection for string 14.
42
EPGND
Ground
Exposed bottom pad used as the high current LED return current path.
43
EPGND
Ground
Exposed bottom pad used as the high current LED return current path.
44
LED15
Analog Output
LED cathode connection for string 15.
45
LED16
Analog Output
LED cathode connection for string 16.
46
TESTEN
Digital I/O
Digital test pin.
47
EXTLDO3
Analog Input
External LDO3 enable. Pull-up to LDO5 with a100kW pull-up resistor.
48
TEST
Analog Output
Analog test pin.
Pinout Description (cont.)


Similar Part No. - IW7023

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
More results

Similar Description - IW7023

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
   8-Channel LED Driver for LCD Panel Backlighting
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
   6-Channel LED Driver for LCD Panel Backlighting
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
   32-Channel LED Driver for LCD Panel Backlighting
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com