Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41C16256-50KI Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS41C16256-50KI
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16256-50KI Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS41C16256-50KI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41C16256-50KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C16256-50KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C16256-50KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C16256-50KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C16256-50KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C16256-50KI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41C16256-50KI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS41C16256-50KI Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
7
Rev. J
06/29/00
IS41C16256
IS41LV16256
ISSI®
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-35
-50
-60
Symbol
Parameter
Min.
Max.
Min.
Max
Min.
Max.
Units
tRC
Random READ or WRITE Cycle Time
60
90
110
ns
tRAC
Access Time from
RAS(6, 7)
35
50
60
ns
tCAC
Access Time from
CAS(6, 8, 15)
10
14
15
ns
tAA
Access Time from Column-Address(6)
18
25
30
ns
tRAS
RAS Pulse Width
35
10K
50
10K
60
10K
ns
tRP
RAS Precharge Time
20
30
40
ns
tCAS
CAS Pulse Width(26)
6
10K
8
10K
10
10K
ns
tCP
CAS Precharge Time(9, 25)
5
8
10
ns
tCSH
CAS Hold Time (21)
35
50
60
ns
tRCD
RAS to CAS Delay Time(10, 20)
11
28
19
36
20
45
ns
tASR
Row-Address Setup Time
0
0
0
ns
tRAH
Row-Address Hold Time
6
8
10
ns
tASC
Column-Address Setup Time(20)
0
0
0
ns
tCAH
Column-Address Hold Time(20)
6
8
10
ns
tAR
Column-Address Hold Time
30
40
40
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
10
20
14
25
15
30
ns
tRAL
Column-Address to
RAS Lead Time
18
25
30
ns
tRPC
RAS to CAS Precharge Time
0
0
0
ns
tRSH
RAS Hold Time(27)
8
14
15
ns
tCLZ
CAS to Output in Low-Z(15, 29)
3
3
3
ns
tCRP
CAS to RAS Precharge Time(21)
5
5
5
ns
tOD
Output Disable Time(19, 28, 29)
312
3
12
312
ns
tOE / tOEA
Output Enable Time(15, 16)
010
0
15
15
ns
tOEHC
OE HIGH Hold Time from CAS HIGH
10
10
10
ns
tOEP
OE HIGH Pulse Width
10
10
10
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0
0
0
ns
tRRH
Read Command Hold Time
0
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
0
ns
(referenced to
CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17, 27)
5
8
10
ns
tWCR
Write Command Hold Time
30
40
50
ns
(referenced to
RAS)(17)


Similar Part No. - IS41C16256-50KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41C16256-50KI ICSI-IS41C16256-50KI Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C16256-50KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com