Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW3602-00 Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # IW3602-00
Description  AC/DC Digital Power Controller for Dimmable LED Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3602-00 Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button IW3602-00 Datasheet HTML 3Page - Dialog Semiconductor IW3602-00 Datasheet HTML 4Page - Dialog Semiconductor IW3602-00 Datasheet HTML 5Page - Dialog Semiconductor IW3602-00 Datasheet HTML 6Page - Dialog Semiconductor IW3602-00 Datasheet HTML 7Page - Dialog Semiconductor IW3602-00 Datasheet HTML 8Page - Dialog Semiconductor IW3602-00 Datasheet HTML 9Page - Dialog Semiconductor IW3602-00 Datasheet HTML 10Page - Dialog Semiconductor IW3602-00 Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
iW3602-00
AC/DC Digital Power Controller for
Dimmable LED Drivers
Rev. 0.8 Preliminary
iW3602-00
© 2014 Dialog Semiconductor (UK) Ltd.
Datasheet
7 of 20
8.0 Functional Block Diagram
The iW3602-00 combines two functions: 1) wall dimmer type
detection and dimmer phase measurement; and 2) output
LED light dimming. It uses digital control technology, which
consists of: 1) chopping circuit, which helps to increase the
power factor and serves as a dynamic impedance to load
the dimmer; 2) primary side controlled isolated flyback
converter. The iW3602-00 provides a low cost dimming
solution which enables LED bulb to be used with most of
the common wall dimmers. This allows LED bulbs to directly
replace conventional incandescent bulbs with ease. The
iW3602 can detect and operate with leading-edge, and
trailing-edge dimmers as well as no-dimmer. The controller
operates in critical discontinuous conduction mode (CDCM)
to achieve high power efficiency and minimum EMI. It
incorporates proprietary primary-feedback constant current
control technology to achieve tight LED current regulation.
Figure 3.1 shows a typical iW3602-00 application schematic.
Figure 8.1 shows the functional block diagram. The advanced
digital control mechanism reduces system design time and
improves reliability. The start-up algorithm makes sure the
VCC supply voltage is ready before powering up the IC.
The iW3602-00 provides multiple protection features for
current limit, over-voltage protection, and over temperature
protection. The VT function can provide over-temperature
compensation for the LED. The external NTC senses the
LED temperature. If the VT pin voltage is below VP-LIM(HI), the
controller reduces the LED current. If the VT pin voltage is
below VSH-TH then the controller turns off.
Figure 8.1 : iW3602-00 Functional Block Diagram
VIN
GND
Enable
VCC
5
VT 4
VSENSE
VFB
VVMS
VIPK
OUTPUT
ISENSE
6
1.89V
0V ~ 1.8V
VIN_A
0.0V ~ 1.8V
IPEAK
VOCP
Start-up
DAC
+
2
3
8
Gate
Driver
Enable
ZIN
100µA
65kΩ
7
Dimmer
Detection
and
Dimmer Phase
Measurement
ADC
MUX
ADC
Gate
Driver
OUTPUT(TR)
65kΩ
1
VOVP
Signal
Conditioning
Constant
Current
Control


Similar Part No. - IW3602-00

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW3602-01 DIALOG-IW3602-01 Datasheet
1Mb / 19P
   AC/DC Digital Power Controller for Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602-01 RENESAS-IW3602-01 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
logo
Dialog Semiconductor
IW3602-03 DIALOG-IW3602-03 Datasheet
1Mb / 19P
   AC/DC Digital Power Controller for Dimmable LED Drivers
More results

Similar Description - IW3602-00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW3602 RENESAS-IW3602 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
logo
Dialog Semiconductor
IW3602 DIALOG-IW3602 Datasheet
1Mb / 19P
   AC/DC Digital Power Controller for Dimmable LED Drivers
IW3612 DIALOG-IW3612 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
logo
Renesas Technology Corp
IW3612 RENESAS-IW3612 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers Rev.
Mar 2020
logo
Dialog Semiconductor
IW3623 DIALOG-IW3623 Datasheet
514Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3616 DIALOG-IW3616 Datasheet
452Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
logo
Renesas Technology Corp
IW3614 RENESAS-IW3614 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
February 02, 2022
logo
Dialog Semiconductor
IW3617 DIALOG-IW3617 Datasheet
471Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
   AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
logo
Dialog Semiconductor
IW3688 DIALOG-IW3688 Datasheet
384Kb / 6P
   AC/DC Advanced Digital Power Controller for Single-Stage Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com