Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW1690-09 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # IW1690-09
Description  Low-Power Off-line Digital PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1690-09 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button IW1690-09 Datasheet HTML 4Page - Dialog Semiconductor IW1690-09 Datasheet HTML 5Page - Dialog Semiconductor IW1690-09 Datasheet HTML 6Page - Dialog Semiconductor IW1690-09 Datasheet HTML 7Page - Dialog Semiconductor IW1690-09 Datasheet HTML 8Page - Dialog Semiconductor IW1690-09 Datasheet HTML 9Page - Dialog Semiconductor IW1690-09 Datasheet HTML 10Page - Dialog Semiconductor IW1690-09 Datasheet HTML 11Page - Dialog Semiconductor IW1690-09 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
iW1690
Low-Power Off-line Digital PWM Controller
Rev. 1.8
iW1690
Page 8
FebRuaRy 3, 2012
+
vin(t)
TS(t)
IO
VO
D1
Q1
N:1
VAUX
CO
vg(t)
ig(t)
+
iin(t)
id(t)
Figure 9.3.1 Simplified Flyback Converter
In order to tightly regulate the output voltage, the information
about the output voltage and load current needs to be
accurately sensed. In the DCM flyback converter, this
information can be read via the auxiliary winding or the
primary magnetizing inductance (L
M). During the Q1 on-time,
the load current is supplied from the output filter capacitor C
O.
The voltage across L
M is vg(t), assuming the voltage dropped
across Q
1 is zero. The current in Q1 ramps up linearly at a
rate of:
()
()
g
g
M
di t
v t
dt
L
=
(9.1)
At the end of on-time, the current has ramped up to:
_
()
()
g
ON
g peak
M
vt t
i
t
L
×
=
(9.2)
This current represents a stored energy of:
2
_
()
2
M
g
g peak
L
E
i
t
=
×
(9.3)
When Q
1 turns off at tO, ig(t) in LM forces a reversal of
polarities on all windings. Ignoring the communication-time
caused by the leakage inductance L
K at the instant of turn-off
t
O, the primary current transfers to the secondary at a peak
amplitude of:
_
()
()
P
d
g peak
S
N
i t
i
t
N
=
×
(9.4)
Assuming the secondary winding is master, the auxiliary
winding is slave.
VAUX
0V
VAUX = -VIN x
NAUX
NP
VAUX = VO x
NAUX
NS
Figure 9.3.2 Auxiliary Voltage Waveforms
The auxiliary voltage is given by:
(
)
AUX
AUX
O
S
N
V
VV
N
=
+∆
(9.5)
and reflects the output voltage as shown in Figure 9.3.2.
The voltage at the load differs from the secondary voltage by
a diode drop and IR losses. The diode drop is a function of
current, as are IR losses. Thus, if the secondary voltage is
always read at a constant secondary current, the difference
between the output voltage and the secondary voltage will
be a fixed ΔV. Furthermore, if the voltage can be read when
the secondary current is small, ΔV will also be small. With
the iW1690, ΔV can be ignored.
The real-time waveform analyzer in the iW1690 reads
this information cycle by cycle. The part then generates a
feedback voltage V
FB. The VFB signal precisely represents
the output voltage under most conditions and is used to
regulate the output voltage.
9.4 Constant Voltage Operation
After soft-start has been completed, the digital control block
measures the output conditions. It determines output power
levels and adjusts the control system to a light load or a
heavy load. If this is in the normal range, the device operates
in the Constant Voltage(CV) mode, and changes the pulse
width (Ton), and off time (Toff) in order to meet the output
voltage regulation requirements. During this mode the PWM
switching frequency is either 45 kHz or 65kHz, depending on
which product option is being used.
If no voltage is detected on V
SENSE it is assumed that the
auxiliary winding of the transformer is either open or shorted
and the iW1690 shuts down.


Similar Part No. - IW1690-09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW1690-09 RENESAS-IW1690-09 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
More results

Similar Description - IW1690-09

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
IW1692 RENESAS-IW1692 Datasheet
1Mb / 17P
   Low-Power Off-line Digital PWM Controller Rev.
Mar 2020
logo
Dialog Semiconductor
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
   Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
logo
Dialog Semiconductor
IW1706 DIALOG-IW1706 Datasheet
1Mb / 11P
   Low-Power Off-Line Digital Green-Mode PWM Controller
IW1696 DIALOG-IW1696 Datasheet
979Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com