Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW1700 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # IW1700
Description  Zero Power No-Load Off-Line Digital PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1700 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button IW1700 Datasheet HTML 4Page - Dialog Semiconductor IW1700 Datasheet HTML 5Page - Dialog Semiconductor IW1700 Datasheet HTML 6Page - Dialog Semiconductor IW1700 Datasheet HTML 7Page - Dialog Semiconductor IW1700 Datasheet HTML 8Page - Dialog Semiconductor IW1700 Datasheet HTML 9Page - Dialog Semiconductor IW1700 Datasheet HTML 10Page - Dialog Semiconductor IW1700 Datasheet HTML 11Page - Dialog Semiconductor IW1700 Datasheet HTML 12Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
iW1700
Zero Power No-Load Off-Line Digital PWM Controller
Rev. 1.2
iW1700
Page 9
FebRuaRy 13, 2012
Output Current
IOUT(CC)
VNOM
CV mode
Figure 9.4: Power Envelope
9.6 Multi-Mode PWM/PFM Control and
Quasi-Resonant Switching
The iW1700 uses a proprietary adaptive multi-mode PWM /
PFM control to dramatically improve the light-load efficiency
and thus the overall average efficiency.
During the constant voltage (CV) operation, the iW1700
normally operates in a pulse-width-modulation (PWM)
mode during heavy load conditions. In the PWM mode, the
switching frequency keeps around constant. As the output
load I
OUT is reduced, the on-time tON is decreased, and
the controller adaptively transitions to a pulse-frequency-
modulation (PFM) mode. During the PFM mode, the BJT
is turned on for a set duration under a given instantaneous
rectified AC input voltage, but its off time is modulated by
the load current. With a decreasing load current, the off time
increases and thus the switching frequency decreases.
When the switching frequency approaches to human ear
audio band, the iW1700 transitions to a second level of
PWM mode, namely Deep PWM mode (DPWM). During
the DPWM mode, the switching frequency keeps around
25 kHz in order to avoid audible noise. As the load current
is further reduced, the iW1700 transitions to a second level
of PFM mode, namely Deep PFM mode (DPFM), which
can reduce the switching frequency to a very low level.
Although the switching frequency drops across the audible
frequency range during the DPFM mode, the output current
in the power converter has reduced to an insignificant level
in the DPWM mode before transitioning to the DPFM mode.
Therefore, the power converter practically produces no
audible noise, while achieving high efficiency across varying
load conditions.
The iW1700 also incorporates a unique proprietary quasi-
resonant switching scheme that achieves valley-mode turn
on for every PWM/PFM switching cycle, during all PFM and
PWM modes and in both CV and CC operations. This unique
feature greatly reduces the switching loss and dv/dt across
the entire operating range of the power supply. Due to the
nature of quasi-resonant switching, the actual switching
frequency can vary slightly cycle by cycle, providing the
additional benefit of reducing EMI. Together these innovative
digital control architecture and algorithms enable the iW1700
to achieve highest overall efficiency and lowest EMI, without
causing audible noise over entire operating range.
9.7 Zero Power No-Load Operation
At the no-load condition, the iW1700 is operating in the DPFM
mode, where the switching frequency can drop as low as
275 Hz and still maintain tight closed-loop control of output
voltage. The distinctive DPFM operation allows the use of
a relatively large pre-load resistor which helps reduce the
no-load power consumption. In the meanwhile, the iW1700
implements an intelligent low-power management technique
that achieves ultra-low chip operating current at the no-
load, typically less than 400 µA. One important feature of
the iW1700 is that it directly drives a low-cost BJT switch.
Unlike a power MOSFET, the BJT is a current-driven device
that does not require a high driving voltage. As a result, the
UVLO threshold of the iW1700 is designed to be as low as
4.0 V (typical). The power supply system design can fully
utilize this low UVLO feature to have a low V
CC voltage at
the no-load operation in order to minimize the no-load
power. In addition, the active start-up scheme with depletion
NFET eliminates the startup resistor power consumption
after the ENABLE signal becomes active. All together these
features ensure with the lowest system cost power supplies
built with the iW1700 can achieve less than 5 mW no-load
power consumption at 230 Vac input and maintain very tight
constant voltage and constant current regulation over the
entire operating range including the no-load operation.
While achieving ultra-low no-load power consumption, the
iW1700 implements innovative proprietary digital control
technology to intelligently detect load transient events, and
ensure adaptive fast response.
9.8 Variable Frequency Operation Mode
At each of the switching cycles, the falling edge of V
SENSE
will be checked. If the falling edge of V
SENSE is not detected,
the off-time will be extended until the falling edge of V
SENSE
is detected. The maximum allowed transformer reset time is
110 μs. When the transformer reset time reaches 110 μs,
the iW1700 shuts off.


Similar Part No. - IW1700

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW1700 RENESAS-IW1700 Datasheet
847Kb / 16P
   Zero Power No-Load Off-Line Digital PWM Controller
10-Feb-2022
IW1700-00 RENESAS-IW1700-00 Datasheet
847Kb / 16P
   Zero Power No-Load Off-Line Digital PWM Controller
10-Feb-2022
More results

Similar Description - IW1700

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW1700 RENESAS-IW1700 Datasheet
847Kb / 16P
   Zero Power No-Load Off-Line Digital PWM Controller
10-Feb-2022
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574 Datasheet
1Mb / 16P
   Zero No-Load Consumption Integrated Off-Line Switcher
logo
Renesas Technology Corp
IW1692 RENESAS-IW1692 Datasheet
1Mb / 17P
   Low-Power Off-line Digital PWM Controller Rev.
Mar 2020
logo
Dialog Semiconductor
IW1815 DIALOG-IW1815 Datasheet
355Kb / 6P
   Off-Line Digital Green-Mode PWM Controller
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
   Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com