Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW1690-08 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW1690-08
Description  Low-Power Off-line Digital PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1690-08 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW1690-08 Datasheet HTML 1Page - Dialog Semiconductor IW1690-08 Datasheet HTML 2Page - Dialog Semiconductor IW1690-08 Datasheet HTML 3Page - Dialog Semiconductor IW1690-08 Datasheet HTML 4Page - Dialog Semiconductor IW1690-08 Datasheet HTML 5Page - Dialog Semiconductor IW1690-08 Datasheet HTML 6Page - Dialog Semiconductor IW1690-08 Datasheet HTML 7Page - Dialog Semiconductor IW1690-08 Datasheet HTML 8Page - Dialog Semiconductor IW1690-08 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
iW1690
Low-Power Off-line Digital PWM Controller
Rev. 1.8
iW1690
Page 3
FebRuaRy 3, 2012
Parameter
Symbol
Value
Units
DC supply voltage range (pin 8, I
CC = 20mA max)
V
CC
-0.3 to 18
V
Continuous DC supply current at V
CC pin
I
CC
20
mA
Peak DC supply current at V
CC pin
I
CCPK
120
mA
Low voltage output (pin 7)
-0.3 to 4.0
V
V
SENSE input (pin 1)
-0.6 to 4.0
V
V
IN input (pin 2)
-0.3 to 18.0
V
Low voltage analog input (pins 3, 4 and 6)
-0.3 to 4.0
V
Power dissipation at T
A ≤ 25°C
P
D
526
mW
Maximum junction temperature
T
J MAX
125
°C
Storage temperature
T
STG
–65 to 150
°C
Lead temperature during IR reflow for ≤ 15 seconds
T
LEAD
260
°C
Thermal Resistance Junction-to-Ambient
θ
JA
160
°C/W
ESD rating per JEDEC JESD22-A114 (HBM)
2,000
V
Latch-Up test per JEDEC 78
±100
mA
5.0 Absolute Maximum Ratings
Absolute maximum ratings are the parameteic values or ranges which can cause permanent damage if exceeded. For
maximum safe operating conditions, refer to Electrical Characteristics in Section 6.0.
V
CC = 12 V, -40°C ≤ TA ≤ 85°C, unless otherwise specified (Note 1)
6.0 Electrical Characteristics
Parameter
Symbol Test Conditions
Min
Typ
Max
Unit
V
IN SECTION (Pin 2)
Start-up voltage low threshold
V
INST(LO)
T
A= 25°C, positive edge
332
370
407
mV
Start-up voltage high threshold
V
INST(HI)
T
A= 25°C, positive edge
1.755
1.950
2.145
V
Start-up current
I
IN(ST)
V
CC = 10 V
8
15
µA
Shutdown low voltage threshold
V
UVDC
T
A= 25°C, negative edge
203
225
248
mV
Shutdown high voltage threshold
V
OVDC
T
A= 25°C, positive edge
1.791
1.990
2.189
V
V
SENSE SECTION (Pin 1)
Input leakage current
I
VSENSE
V
SENSE = 2 V
1
μA
Nominal voltage threshold
V
SENSE(NOM)
T
A=25°C, negative edge
1.522
1.538
1.553
V
Output OVP threshold
V
SENSE(MAX)
T
A=25°C, negative edge
1.667
1.700
1.734
V


Similar Part No. - IW1690-08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW1690-08 RENESAS-IW1690-08 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
More results

Similar Description - IW1690-08

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
IW1692 RENESAS-IW1692 Datasheet
1Mb / 17P
   Low-Power Off-line Digital PWM Controller Rev.
Mar 2020
logo
Dialog Semiconductor
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
   Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
logo
Dialog Semiconductor
IW1706 DIALOG-IW1706 Datasheet
1Mb / 11P
   Low-Power Off-Line Digital Green-Mode PWM Controller
IW1696 DIALOG-IW1696 Datasheet
979Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com