Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW1691-00 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # IW1691-00
Description  Digital PWM Current-Mode Controller for Quasi-Resonant Operation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1691-00 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button IW1691-00 Datasheet HTML 4Page - Dialog Semiconductor IW1691-00 Datasheet HTML 5Page - Dialog Semiconductor IW1691-00 Datasheet HTML 6Page - Dialog Semiconductor IW1691-00 Datasheet HTML 7Page - Dialog Semiconductor IW1691-00 Datasheet HTML 8Page - Dialog Semiconductor IW1691-00 Datasheet HTML 9Page - Dialog Semiconductor IW1691-00 Datasheet HTML 10Page - Dialog Semiconductor IW1691-00 Datasheet HTML 11Page - Dialog Semiconductor IW1691-00 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
iW1691
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
Rev. 2.0
iW1691
Page 8
FebRuaRy 3, 2012
_
()
()
g
ON
g peak ON
M
vt t
i
t
L
×
=
(9.2)
This current represents a stored energy of:
2
_
()
2
M
g
g peak ON
L
E
i
t
=
×
(9.3)
When Q
1 turns off, ig(t) in LM forces a reversal of polarities on
all windings. Ignoring the communication-time caused by the
leakage inductance L
K at the instant of turn-off, the primary
current transfers to the secondary at a peak amplitude of:
_
()
(
)
P
d
g peak ON
S
N
i t
i
t
N
=
×
(9.4)
Assuming the secondary winding is master and the auxiliary
winding is slave.
VAUX
0V
VAUX = -VIN x
NAUX
NP
VAUX = VO x
NAUX
NS
Figure 9.3 : Auxiliary Voltage Waveforms
The auxiliary voltage is given by:
()
AUX
AUX
O
S
N
V
VV
N
=
+∆
(9.5)
and reflects the output voltage as shown in Figure 9.3.
The voltage at the load differs from the secondary voltage by
a diode drop and IR losses. The diode drop is a function of
current, as are IR losses. Thus, if the secondary voltage is
always read at a constant secondary current, the difference
between the output voltage and the secondary voltage will
be a fixed ΔV. Furthermore, if the voltage can be read when
the secondary current is small; for example, at the knee of
the auxiliary waveform (see Figure 9.3), then ΔV will also be
small. With the iW1691, ΔV can be ignored.
The real-time waveform analyzer in the iW1691 reads the
auxiliary waveform information cycle by cycle. The part then
generates a feedback voltage V
FB. The VFB signal precisely
represents the output voltage and is used to regulate the
output voltage.
9.4 Constant Voltage Operation
After soft-start has been completed, the digital control block
measures the output conditions. It determines output power
levels and adjusts the control system according to a light
load or a heavy load. If this is in the normal range, the device
operates in the Constant Voltage (CV) mode, and changes
the pulse width (T
ON), and off time (TOFF) in order to meet the
output voltage regulation requirements. During this mode
the PWM switching frequency is between 30 kHz and 130
kHz, depending on the line and load conditions.
If less than 0.2 V is detected on V
SENSE it is assumed that the
auxiliary winding of the transformer is either open or shorted
and the iW1691 shuts down.
9.5 Valley Mode Switching
In order to reduce switching losses in the MOSFET and
EMI, the iW1691 employs valley mode switching when
I
OUT is above 50%. In valley mode switching, the MOSFET
switch is turned on at the point where the resonant voltage
across the drain and source of the MOSFET is at its lowest
point (see Figure 9.4). By switching at the lowest V
DS, the
switching loss will be minimized.
Gate
VDS
Figure 9.4 : Valley Mode Switching
Turning on at the lowest V
DS generates lowest dV/dt, thus
valley mode switching can also reduce EMI. To limit the
switching frequency range, the iW1691 can skips valleys
(seen in the first cycle in Figure 9.4) when the switching
frequency becomes too high.
iW1691 provides valley mode switching during constant
output current operation. So, the EMI and switching losses
are still minimized during CC mode. This feature is superior
to other quasi-resonant technologies which only support
valley mode switching during constant voltage operation.
This is beneficial to applications, such as chargers, where
the power supply mainly operates in CC mode.


Similar Part No. - IW1691-00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW1691-00 RENESAS-IW1691-00 Datasheet
2Mb / 32P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
22-Jan-2022
More results

Similar Description - IW1691-00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW1691 RENESAS-IW1691 Datasheet
2Mb / 32P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
22-Jan-2022
logo
Dialog Semiconductor
IW1710 DIALOG-IW1710 Datasheet
1Mb / 20P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1710 RENESAS-IW1710 Datasheet
1Mb / 30P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
24-Jan-2022
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com