Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASX340AT3C00XPEDD3-GEVK Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASX340AT3C00XPEDD3-GEVK
Description  1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT3C00XPEDD3-GEVK Datasheet(HTML) 3 Page - ON Semiconductor

  ASX340AT3C00XPEDD3-GEVK Datasheet HTML 1Page - ON Semiconductor ASX340AT3C00XPEDD3-GEVK Datasheet HTML 2Page - ON Semiconductor ASX340AT3C00XPEDD3-GEVK Datasheet HTML 3Page - ON Semiconductor ASX340AT3C00XPEDD3-GEVK Datasheet HTML 4Page - ON Semiconductor ASX340AT3C00XPEDD3-GEVK Datasheet HTML 5Page - ON Semiconductor ASX340AT3C00XPEDD3-GEVK Datasheet HTML 6Page - ON Semiconductor ASX340AT3C00XPEDD3-GEVK Datasheet HTML 7Page - ON Semiconductor ASX340AT3C00XPEDD3-GEVK Datasheet HTML 8Page - ON Semiconductor ASX340AT3C00XPEDD3-GEVK Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
ASX340AT
www.onsemi.com
3
TABLE 1. KEY PARAMETERS (CONTINUED)
Parameter
Typical Value
Ambient Temperature
Operating: −40°C to 105°C
Functional: −40°C to + 85°C
Storage: −50°C to + 150°C
Dark Current
< 200 e/s at 60°C with a gain of 1
Fixed Pattern Noise
Column
< 2 %
Row
< 2 %
Responsivity
16.5 V/lux−s at 550 nm
Signal to Noise Ratio (S/N)
46 dB
Pixel Dynamic Range
87 dB
NEW FEATURES
Temperature sensor for dynamic feedback and sensor
control
Automatic 50 Hz/60 Hz flicker detection
2x upscaling zoom and pan/tilt control
Independent control of colorburst parameters in the
NTSC/PAL encoder
Horizontal field of view adjustment between 700 and
720 pixels on the analog output
Option to use single 2.8 V power supply with off-chip
bypass transistor
SPI EEPROM support for lower cost system design.
ORDERING INFORMATION
TABLE 2. AVAILABLE PART NUMBERS
Part Number
Product Description
Orderable Product Attribute Description
ASX340AT2C00XPED0−DPBR1
Rev2, Color, 0deg CRA, iBGA Package
Drypack, Protective Film, Anti-Reflective
Glass
ASX340AT2C00XPED0−DRBR1
Rev2, Color, 0deg CRA, iBGA Package
Drypack, Anti-Reflective Glass
ASX340AT2C00XPED0−TPBR
Rev2, Color, 0deg CRA, iBGA Package
Tape & Reel, Protective Film,
Anti-Reflective Glass
ASX340AT2C00XPED0−TRBR
Rev2, Color, 0deg CRA, iBGA Package
Tape & Reel, Anti-Reflective Glass
ASX340AT2C00XPEDD3−GEVK
Rev2, Color, Demo Kit
ASX340AT2C00XPEDH3−GEVB
Rev2, Color, Head Board
ASX340AT3C00XPED0−DPBR
Rev3, Color, 0deg CRA, iBGA Package
Drypack, Protective Film, Anti-Reflective
Glass
ASX340AT3C00XPED0−DRBR
Rev3, Color, 0deg CRA, iBGA Package
Drypack, Anti-Reflective Glass
ASX340AT3C00XPED0−TPBR
Rev3, Color, 0deg CRA, iBGA Package
Tape & Reel, Protective Film,
Anti-Reflective Glass
ASX340AT3C00XPED0−TRBR
Rev3, Color, 0deg CRA, iBGA Package
Tape & Reel, Anti-Reflective Glass
ASX340AT3C00XPEDD3−GEVK
Rev 3, Color, Demo Kit
ASX340AT3C00XPEDH3−GEVB
Rev 3, Color, Head Board
See the ON Semiconductor Device Nomenclature document
(TND310/D) for a full description of the naming convention used for
image sensors. For reference documentation, including information on
evaluation kits, please visit our web site at www.onsemi.com.


Similar Part No. - ASX340AT3C00XPEDD3-GEVK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASX340AT3C00XPED0-DPBR ONSEMI-ASX340AT3C00XPED0-DPBR Datasheet
2Mb / 75P
   Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
ASX340AT3C00XPED0-DRBR ONSEMI-ASX340AT3C00XPED0-DRBR Datasheet
2Mb / 75P
   Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
ASX340AT3C00XPED0-TPBR ONSEMI-ASX340AT3C00XPED0-TPBR Datasheet
2Mb / 75P
   Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
ASX340AT3C00XPED0-TRBR ONSEMI-ASX340AT3C00XPED0-TRBR Datasheet
2Mb / 75P
   Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
More results

Similar Description - ASX340AT3C00XPEDD3-GEVK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V128 ONSEMI-MT9V128 Datasheet
2Mb / 88P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. F Pub. 5/15 EN
ASX340CS ONSEMI-ASX340CS Datasheet
2Mb / 74P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
Rev. F Pub. 6/15 EN
MT9V127 ONSEMI-MT9V127 Datasheet
2Mb / 82P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. G Pub. 5/15 EN
MT9V136 ONSEMI-MT9V136 Datasheet
2Mb / 82P
   Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. J Pub. 6/15 EN
ASX340AT ONSEMI-ASX340AT Datasheet
2Mb / 75P
   Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
MT9V137 ONSEMI-MT9V137 Datasheet
2Mb / 79P
   Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. E Pub. 4/15 EN
logo
Pixart Imaging Inc.
PAC7366 PIXART-PAC7366 Datasheet
608Kb / 23P
   NTSC/PAL DIGITAL IMAGE SOC
logo
List of Unclassifed Man...
ASX340 ETC2-ASX340 Datasheet
2Mb / 78P
   1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
logo
ON Semiconductor
MT9V138 ONSEMI-MT9V138 Datasheet
2Mb / 77P
   Inch Color CMOS NTSC/PAL Digital Image SOC with Overlay Processor
Rev. D Pub. 5/15 E
MT9V126 ONSEMI-MT9V126 Datasheet
2Mb / 89P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC with Distortion Correction and Overlay Processor
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com