Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX-SF10-ANT21-868 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AX-SF10-ANT21-868
Description  Compliant Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SF10-ANT21-868 Datasheet(HTML) 3 Page - ON Semiconductor

  AX-SF10-ANT21-868 Datasheet HTML 1Page - ON Semiconductor AX-SF10-ANT21-868 Datasheet HTML 2Page - ON Semiconductor AX-SF10-ANT21-868 Datasheet HTML 3Page - ON Semiconductor AX-SF10-ANT21-868 Datasheet HTML 4Page - ON Semiconductor AX-SF10-ANT21-868 Datasheet HTML 5Page - ON Semiconductor AX-SF10-ANT21-868 Datasheet HTML 6Page - ON Semiconductor AX-SF10-ANT21-868 Datasheet HTML 7Page - ON Semiconductor AX-SF10-ANT21-868 Datasheet HTML 8Page - ON Semiconductor AX-SF10-ANT21-868 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AX−SIGFOX−MODS
www.onsemi.com
3
PINOUT
Figure 2. Pinout Drawings (Top View)
1
8
25
18
9
17
34
26
25
18
9
17
34
26
MINISTAMP
ANTSTAMP
Table 1. PIN FUNCTION DESCRIPTION
Pin
Name
Function
1*
GND
Ground
2*
NC
Do not connect
3*
NC
4*
NC
5*
GND
Ground
6*
ANT50W
50 W antenna port
7*
GND
Ground
8*
NC
Do not connect
9
NC
10
GPIO8
General purpose IO
11
GPIO7
General purpose IO, selectable SPI functionality (MISO)
12
GPIO6
General purpose IO, selectable SPI functionality (MOSI)
13
GPIO5
General purpose IO, selectable SPI functionality (SCK)
14
GPIO4
General purpose IO, selectable SD DAC functionality, selectable clock functionality
15
CPU_LED
Module activity status, enabled whenever the module is running
16
RADIO_LED
Radio activity status
17
VTCXO
TCXO enable (used to control the on−board TCXO)
18
GPIO9
General purpose IO and wake−up from deepsleep
19
UART_TX
UART used to communicate with the module at a bitrate of 9600 baud, no parity, 8 data bits and one stop
bit.
20
UART_RX
21
RX_LED
Radio receive activity status
22
TX_LED
Radio transmit activity status
23
NC
Do not connect
24
NC
25
VDD
Power Supply
26
GND
Ground
27
RESET_N
Optional reset (active low). Do not connect the pin if not used.
28
GND
Ground
29
GPIO0
General purpose IO, selectable ADC functionality, selectable SD DAC functionality, selectable clock
functionality
30
GPIO1
General purpose IO, selectable ADC functionality


Similar Part No. - AX-SF10-ANT21-868

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SF10-ANT21-868 ONSEMI-AX-SF10-ANT21-868 Datasheet
715Kb / 15P
   Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
More results

Similar Description - AX-SF10-ANT21-868

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
433-1110-003XL DIALIGHT-433-1110-003XL Datasheet
380Kb / 4P
   ITE Compliant LED Signal Modules
logo
Taoglas antenna solutio...
GW.05.0153 TAOGLAS-GW.05.0153 Datasheet
4Mb / 39P
   Max Peak Gain compliant with most WiFI modules
logo
ON Semiconductor
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
715Kb / 15P
   Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
logo
Qimonda AG
HYS72T512420EFA QIMONDA-HYS72T512420EFA Datasheet
2Mb / 37P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM RoHS Compliant Products
logo
Shanghai Leiditech Elec...
LPPM LEIDITECH-LPPM Datasheet
1Mb / 10P
   RoHS Compliant Halogen Free REACH Compliant
logo
IXYS Corporation
MCC56-16IO1 IXYS-MCC56-16IO1 Datasheet
159Kb / 4P
   Thyristor Modules /Diode Modules
logo
Pulse A Technitrol Comp...
23Z91SMFNL PULSE-23Z91SMFNL Datasheet
354Kb / 3P
   ROHS COMPLIANT
23Z467SMFNL PULSE-23Z467SMFNL Datasheet
367Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-PC2304-050028-1 ASSMANN-A-PC2304-050028-1 Datasheet
1Mb / 1P
   Rohs Compliant
logo
NICHIA CORPORATION
NSSWT02A-V1 NICHIA-NSSWT02A-V1 Datasheet
589Kb / 18P
   rohs compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com