Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASX340AT2C00XPEDH3-GEVB Datasheet(PDF) 9 Page - ON Semiconductor

Part # ASX340AT2C00XPEDH3-GEVB
Description  1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT2C00XPEDH3-GEVB Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ASX340AT2C00XPEDH3-GEVB Datasheet HTML 5Page - ON Semiconductor ASX340AT2C00XPEDH3-GEVB Datasheet HTML 6Page - ON Semiconductor ASX340AT2C00XPEDH3-GEVB Datasheet HTML 7Page - ON Semiconductor ASX340AT2C00XPEDH3-GEVB Datasheet HTML 8Page - ON Semiconductor ASX340AT2C00XPEDH3-GEVB Datasheet HTML 9Page - ON Semiconductor ASX340AT2C00XPEDH3-GEVB Datasheet HTML 10Page - ON Semiconductor ASX340AT2C00XPEDH3-GEVB Datasheet HTML 11Page - ON Semiconductor ASX340AT2C00XPEDH3-GEVB Datasheet HTML 12Page - ON Semiconductor ASX340AT2C00XPEDH3-GEVB Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
ASX340AT
www.onsemi.com
9
TABLE 5. RESET/DEFAULT STATE OF INTERFACES (CONTINUED)
Name
Notes
Default State
Reset State
DOUT_LSB1
High impedance
High impedance
Input/Output. This interface disabled by default.
Input buffers (used for GPIO function) powered
down by default, so these pins can be left
unconnected (floating). After reset, these pins
are powered-up, sampled, then powered down
again as part of the auto-configuration
mechanism.
DOUT_LSB0
High impedance
High impedance
DAC_POS
High impedance
Driven
Output. Interface disabled by hardware reset
and enabled by default when the device starts
streaming.
DAC_NEG
DAC_REF
TDI
Internal pull-up enabled
Internal pull-up enabled
Input. Internal pull-up means that this pin can be
left unconnected (floating).
TDO
High impedance
High impedance
Output. Driven only during appropriate parts of
the JTAG shifter sequence.
TMS
Internal pull-up enabled
Internal pull-up enabled
Input. Internal pull-up means that this pin can be
left unconnected (floating).
TCK
Internal pull-up enabled
Internal pull-up enabled
Input. Internal pull-up means that this pin can be
left unconnected (floating).
TRST_N
N/A
N/A
Input. Must always be driven to a valid logic
level. Must be driven to GND for normal
operation.
FRAME_SYNC
N/A
N/A
Input. Must always be driven to a valid logic
level. Must be driven to GND if not used.
GPIO12
High impedance
High impedance
Input/Output. This interface disabled by default.
Input buffers (used for GPIO function) powered
down by default, so these pins can be left
unconnected (floating)
GPIO13
High impedance
High impedance
Input/Output. This interface disabled by default.
Input buffers (used for GPIO function) powered
down by default, so these pins can be left
unconnected (floating).
ATEST1
N/A
N/A
Must be driven to GND for normal operation.
ATEST2
N/A
N/A
Must be driven to GND for normal operation.
1. The reason for defining the default state as logic 0 rather than high impedance is this: when wired in a system (for example, on ON
Semiconductor’s demo boards), these outputs will be connected, and the inputs to which they are connected will want to see a valid logic
level. No current drain should result from driving these to a valid logic level (unless there is a pull-up at the system level).
2. These pads have their input circuitry powered down, but they are not output-enabled. Therefore, they can be left floating but they will not
drive a valid logic level to an attached device.


Similar Part No. - ASX340AT2C00XPEDH3-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASX340AT2C00XPEDH3-GEVB ONSEMI-ASX340AT2C00XPEDH3-GEVB Datasheet
2Mb / 75P
   Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
More results

Similar Description - ASX340AT2C00XPEDH3-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V128 ONSEMI-MT9V128 Datasheet
2Mb / 88P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. F Pub. 5/15 EN
ASX340CS ONSEMI-ASX340CS Datasheet
2Mb / 74P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
Rev. F Pub. 6/15 EN
MT9V127 ONSEMI-MT9V127 Datasheet
2Mb / 82P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. G Pub. 5/15 EN
MT9V136 ONSEMI-MT9V136 Datasheet
2Mb / 82P
   Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. J Pub. 6/15 EN
ASX340AT ONSEMI-ASX340AT Datasheet
2Mb / 75P
   Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
MT9V137 ONSEMI-MT9V137 Datasheet
2Mb / 79P
   Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. E Pub. 4/15 EN
logo
Pixart Imaging Inc.
PAC7366 PIXART-PAC7366 Datasheet
608Kb / 23P
   NTSC/PAL DIGITAL IMAGE SOC
logo
List of Unclassifed Man...
ASX340 ETC2-ASX340 Datasheet
2Mb / 78P
   1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
logo
ON Semiconductor
MT9V138 ONSEMI-MT9V138 Datasheet
2Mb / 77P
   Inch Color CMOS NTSC/PAL Digital Image SOC with Overlay Processor
Rev. D Pub. 5/15 E
MT9V126 ONSEMI-MT9V126 Datasheet
2Mb / 89P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC with Distortion Correction and Overlay Processor
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com