Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX5051 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AX5051
Description  Advanced Multi-channel Single Chip UHF Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AX5051 Datasheet HTML 5Page - ON Semiconductor AX5051 Datasheet HTML 6Page - ON Semiconductor AX5051 Datasheet HTML 7Page - ON Semiconductor AX5051 Datasheet HTML 8Page - ON Semiconductor AX5051 Datasheet HTML 9Page - ON Semiconductor AX5051 Datasheet HTML 10Page - ON Semiconductor AX5051 Datasheet HTML 11Page - ON Semiconductor AX5051 Datasheet HTML 12Page - ON Semiconductor AX5051 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AX5051
www.onsemi.com
9
Table 7. RF FREQUENCY GENERATION SUBSYSTEM (SYNTHESIZER)
Symbol
Description
Condition
Min
Typ
Max
Units
fREF
Reference frequency
Note 1
16
24
MHz
frange_hi
Frequency range
BANDSEL = 0
800
940
MHz
frange_low
BANDSEL = 1
400
470
fRESO
Frequency resolution
1
Hz
BW1
Synthesizer loop bandwidth
VCO current: VCOI = 001
Loop filter configuration: FLT = 01
Charge pump current: PLLCPI = 010
100
kHz
BW2
Loop filter configuration: FLT = 01
Charge pump current: PLLCPI = 001
50
BW3
Loop filter configuration: FLT = 11
Charge pump current: PLLCPI = 010
200
BW4
Loop filter configuration: FLT = 10
Charge pump current: PLLCPI = 010
500
Tset1
Synthesizer settling time for
1 MHz step as typically
required for RX/TX switching
VCO current: VCO_I = 001
Loop filter configuration: FLT = 01
Charge pump current: PLLCPI = 010
15
ms
Tset2
Loop filter configuration: FLT = 01
Charge pump current: PLLCPI = 001
30
Tset3
Loop filter configuration: FLT = 11
Charge pump current: PLLCPI = 010
7
Tset4
Loop filter configuration: FLT = 10
Charge pump current: PLLCPI = 010
3
Tstart1
Synthesizer start−up time if
crystal oscillator and
reference are running
VCO current: VCO_I = 001
Loop filter configuration: FLT = 01
Charge pump current: PLLCPI = 010
25
ms
Tstart2
Loop filter configuration: FLT = 01
Charge pump current: PLLCPI = 001
50
Tstart3
Loop filter configuration: FLT = 11
Charge pump current: PLLCPI = 010
12
Tstart4
Loop filter configuration: FLT = 10
Charge pump current: PLLCPI = 010
5
PN8681
Synthesizer phase noise
Loop filter configuration:
FLT = 01
Charge pump current:
PLLCPI = 010
VCO current: VCO_I = 001
868 MHz, 50 kHz from carrier
−85
dBc/Hz
868 MHz, 100 kHz from carrier
−90
868 MHz, 300 kHz from carrier
−100
868 MHz, 2 MHz from carrier
−110
PN4331
433 MHz, 50 kHz from carrier
−90
433 MHz, 100 kHz from carrier
−95
433 MHz, 300 kHz from carrier
−105
433 MHz, 2 MHz from carrier
−115
PN8682
Synthesizer phase noise
Loop filter configuration:
FLT = 01
Charge pump current:
PLLCPI = 001
VCO current: VCO_I = 001
868 MHz, 50 kHz from carrier
−80
dBc/Hz
868 MHz, 100 kHz from carrier
−90
868 MHz, 300 kHz from carrier
−105
868 MHz, 2 MHz from carrier
−115
PN4332
433 MHz, 50 kHz from carrier
−90
433 MHz, 100 kHz from carrier
−95
433 MHz, 300 kHz from carrier
−110
433 MHz, 2 MHz from carrier
−122
1. ASK, PSK and 0.1−200 kbps FSK with 16 MHz crystal, 200−350 kbps FSK with 24 MHz crystal.


Similar Part No. - AX5051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX5051 ONSEMI-AX5051 Datasheet
906Kb / 44P
   Advanced multi-channel single chip UHF transceiver
Revision 2
More results

Similar Description - AX5051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX5051 ONSEMI-AX5051 Datasheet
906Kb / 44P
   Advanced multi-channel single chip UHF transceiver
Revision 2
AX5042 ONSEMI-AX5042 Datasheet
855Kb / 42P
   Advanced multi-channel single chip UHF transceiver
Revision 3
AX5031 ONSEMI-AX5031_16 Datasheet
275Kb / 22P
   Advanced Multi-channel Single Chip UHF Transmitter
April, 2016 ??Rev. 3
AX5031 ONSEMI-AX5031 Datasheet
857Kb / 36P
   Advanced multi-channel single chip UHF transmitter
Revision 2
logo
Radiometrix Ltd
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
SMX2-433-5 RADIOMETRIX-SMX2-433-5 Datasheet
232Kb / 7P
   Small Multi-channel UHF Transceiver
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com