Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASX340CS2C00SPEAD-GEVK Datasheet(PDF) 11 Page - ON Semiconductor

Part # ASX340CS2C00SPEAD-GEVK
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS2C00SPEAD-GEVK Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ASX340CS2C00SPEAD-GEVK Datasheet HTML 7Page - ON Semiconductor ASX340CS2C00SPEAD-GEVK Datasheet HTML 8Page - ON Semiconductor ASX340CS2C00SPEAD-GEVK Datasheet HTML 9Page - ON Semiconductor ASX340CS2C00SPEAD-GEVK Datasheet HTML 10Page - ON Semiconductor ASX340CS2C00SPEAD-GEVK Datasheet HTML 11Page - ON Semiconductor ASX340CS2C00SPEAD-GEVK Datasheet HTML 12Page - ON Semiconductor ASX340CS2C00SPEAD-GEVK Datasheet HTML 13Page - ON Semiconductor ASX340CS2C00SPEAD-GEVK Datasheet HTML 14Page - ON Semiconductor ASX340CS2C00SPEAD-GEVK Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
11
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Pin Descriptions and Assignments
Composite Video Output
F5
DAC_POS
Output
Positive video DAC output in differential mode.
Video DAC output in single-ended mode. This interface is enabled by default using
NTSC/PAL signalling. For applications where composite video output is not
required, the video DAC can be placed in a power-down state under software
control.
G5
DAC_NEG
Output
Negative video DAC output in differential mode.
A4
DAC_REF
Output
External reference resistor for the video DAC.
Manufacturing Test Interface
D3
TDI
Input
JTAG Test pin (Reserved for Test Mode)
G2
TDO
Output
JTAG Test pin (Reserved for Test Mode)
F3
TMS
Input
JTAG Test pin (Reserved for Test Mode)
C3
TCK
Input
JTAG Test pin (Reserved for Test Mode)
C4
TRST_N
Input
Connect to GND.
G6
ATEST1
Input
Analog test input. Connect to GND in normal operation.
F6
ATEST2
Input
Analog test input. Connect to GND in normal operation.
GPIO
C1
GPIO12
Input/Output Dedicated general-purpose input/output pin.
A3
GPIO13
Input/Output Dedicated general-purpose input/output pin.
Power
G4
VREG_BASE
Supply
Voltage regulator control. Leave floating if not used.
A5, A7, D8,
E7, G1, G3
VDD
Supply
Supply for VDD core: 1.8V nominal. Can be connected to the output of the
transistor of the off-chip bypass transistor or an external 1.8V power supply.
B2, B8, C8,
E3, E8, G8,
H8
VDD_IO
Supply
Supply for digital IOs: 2.8V nominal.
H5
VDD_DAC
Supply
Supply for video DAC: 2.8V nominal.
A8
VDD_PLL
Supply
Supply for PLL: 2.8V nominal.
B4, H6
VAA
Supply
Analog power: 2.8V nominal.
H7
VAA_PIX
Supply
Analog pixel array power: 2.8V nominal. Must be at same voltage potential as VAA.
H4
Reserved
Leave floating for normal operation.
B5, C5, D1,
D5, H1
DGND
Supply
Digital ground.
E5, F4
AGND
Supply
Analog ground.
Table 1:
Pin Descriptions (continued)
Pin Number
Pin Name
Type
Description


Similar Part No. - ASX340CS2C00SPEAD-GEVK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASX340CS2C00SPEAD-E ETC2-ASX340CS2C00SPEAD-E Datasheet
2Mb / 78P
   1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
More results

Similar Description - ASX340CS2C00SPEAD-GEVK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V128 ONSEMI-MT9V128 Datasheet
2Mb / 88P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. F Pub. 5/15 EN
MT9V127 ONSEMI-MT9V127 Datasheet
2Mb / 82P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. G Pub. 5/15 EN
ASX340AT ONSEMI-ASX340AT_16 Datasheet
1Mb / 54P
   1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
October, 2016 ??Rev. 10
MT9V136 ONSEMI-MT9V136 Datasheet
2Mb / 82P
   Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. J Pub. 6/15 EN
MT9V137 ONSEMI-MT9V137 Datasheet
2Mb / 79P
   Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. E Pub. 4/15 EN
logo
List of Unclassifed Man...
ASX340 ETC2-ASX340 Datasheet
2Mb / 78P
   1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
logo
ON Semiconductor
MT9V138 ONSEMI-MT9V138 Datasheet
2Mb / 77P
   Inch Color CMOS NTSC/PAL Digital Image SOC with Overlay Processor
Rev. D Pub. 5/15 E
MT9V126 ONSEMI-MT9V126 Datasheet
2Mb / 89P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC with Distortion Correction and Overlay Processor
Rev. J
ASX340AT ONSEMI-ASX340AT Datasheet
2Mb / 75P
   Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
logo
Pixart Imaging Inc.
PAC7366 PIXART-PAC7366 Datasheet
608Kb / 23P
   NTSC/PAL DIGITAL IMAGE SOC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com