Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4013B Datasheet(PDF) 4 Page - Integral Corp.

Part # IW4013B
Description  Dual D Flip-Flop High-Voltage Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IW4013B Datasheet(HTML) 4 Page - Integral Corp.

  IW4013B Datasheet HTML 1Page - Integral Corp. IW4013B Datasheet HTML 2Page - Integral Corp. IW4013B Datasheet HTML 3Page - Integral Corp. IW4013B Datasheet HTML 4Page - Integral Corp. IW4013B Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IW4013B
22
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200 kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C25°C
≤125°C
Unit
fmax
Maximum Clock Frequency (Figure 1)
5.0
10
15
3.5
8
12
3.5
8
12
1.75
4
6
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q or Q
(Figure 1)
5.0
10
15
300
130
90
300
130
90
600
260
180
ns
tPLH
Maximum Propagation Delay, Set to Q or Reset
to Q (Figure 2)
5.0
10
15
300
130
90
300
130
90
600
260
180
ns
tPHL
Maximum Propagation Delay, Set to Q or Reset
to Q (Figure 2)
5.0
10
15
400
170
120
400
170
120
800
340
240
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS(C
L=50pF, RL=200 kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C25°C
≤125°C
Unit
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
10
15
140
60
40
140
60
40
280
120
80
ns
tw
Minimum Pulse Width, Set or Reset (Figure 2)
5.0
10
15
180
80
50
180
80
50
360
160
100
ns
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
5.0
10
15
40
20
15
40
20
15
80
40
30
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
5.0
10
15
5
5
5
5
5
5
10
10
10
ns
tr, tf
Maximum Input Rise or Fall Time, Clock
(Figure 1)
5.0
10
15
500
30
6
500
30
6
1000
60
12
µs


Similar Part No. - IW4013B

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IW4013B ESTEK-IW4013B Datasheet
120Kb / 5P
   consists of two identical, independent data-type flip-flops
logo
IK Semicon Co., Ltd
IW4013B IKSEMICON-IW4013B Datasheet
184Kb / 6P
   Operating Voltage Range
More results

Similar Description - IW4013B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4098B IKSEMICON-IW4098B Datasheet
195Kb / 7P
   Two Multivibrators (flip-flop) High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT74 KODENSHI-KK74ACT74 Datasheet
318Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT74 SLS-SL74HCT74 Datasheet
51Kb / 5P
   Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCT74A INTEGRAL-IN74HCT74A Datasheet
100Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC74 KODENSHI-KK74AC74 Datasheet
322Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
KK74HCT74A KODENSHI-KK74HCT74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74AC74 INTEGRAL-IN74AC74 Datasheet
165Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74HC74 INTEGRAL-IN74HC74 Datasheet
100Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT74A IKSEMICON-IN74HCT74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC74 SLS-SL74HC74 Datasheet
51Kb / 5P
   Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com