Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISP1583 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. ISP1583
Description  Hi-Speed Universal Serial Bus peripheral controller
Download  87 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1583 Datasheet(HTML) 4 Page - NXP Semiconductors

  ISP1583 Datasheet HTML 1Page - NXP Semiconductors ISP1583 Datasheet HTML 2Page - NXP Semiconductors ISP1583 Datasheet HTML 3Page - NXP Semiconductors ISP1583 Datasheet HTML 4Page - NXP Semiconductors ISP1583 Datasheet HTML 5Page - NXP Semiconductors ISP1583 Datasheet HTML 6Page - NXP Semiconductors ISP1583 Datasheet HTML 7Page - NXP Semiconductors ISP1583 Datasheet HTML 8Page - NXP Semiconductors ISP1583 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
The direction of pins DREQ, DACK, DIOR and DIOW is determined by bit MASTER (DMA Hardware register) and bit ATA_MODE (DMA Configuration register).
(1) Pin 15 is shared by READY and IORDY.
(2) Pin 60 is shared by MODE0 and DA1.
(3) Pin 62 is shared by BUS_CONF and DA0.
Fig 1.
Block diagram.
004aaa268
1.5 k
12.0 k
ISP1583
HI-SPEED USB
TRANSCEIVER
RESET_N
RREF
VOLTAGE
REGULATORS
POWER-ON
RESET
MEMORY
MANAGEMENT
UNIT
INTEGRATED
RAM
(8 KBYTES)
MICROCONTROLLER
INTERFACE
DMA INTERFACE
MICRO-
CONTROLLER
HANDLER
DMA
HANDLER
DMA
REGISTERS
12 MHz
XTAL2
XTAL1
to/from USB
SYSTEM
CONTROLLER
PHILIPS
SIE/PIE
SoftConnect
INT
internal
reset
DATA[15:0]
MODE0(2)
BUS_CONF(3)
8
AD[7:0]
DREQ
CS0_N
VCC(3V3)
digital
supply
1.8 V
INTRQ
IORDY(1)
RPU
DM
DP
VCC(1V8)
SUSPEND WAKEUP
AGND
DGND
CS_N
EOT
VCC(I/O)
VBUS
16
OTG SRP
MODULE
analog
supply
1, 5
2
34
6
7
8
DACK
DIOR
DIOW
CS1_N
DA0(3)
DA1(2)
DA2
9
101112
21
13, 35,59
ALE/A0
RW_N/RD_N
DS_N/WR_N
14
15
17
18
READY(1)
19
20
22
23 to 25,
27 to 31
26, 41, 54
32, 56
60
36
37 to 40,
42 to 53
55
58
57
60
61
15
16
62
62
63
64
MODE1
34
I/O pad supply
3.3 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn