Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISP1583 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. ISP1583
Description  Hi-Speed Universal Serial Bus peripheral controller
Download  87 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1583 Datasheet(HTML) 2 Page - NXP Semiconductors

  ISP1583 Datasheet HTML 1Page - NXP Semiconductors ISP1583 Datasheet HTML 2Page - NXP Semiconductors ISP1583 Datasheet HTML 3Page - NXP Semiconductors ISP1583 Datasheet HTML 4Page - NXP Semiconductors ISP1583 Datasheet HTML 5Page - NXP Semiconductors ISP1583 Datasheet HTML 6Page - NXP Semiconductors ISP1583 Datasheet HTML 7Page - NXP Semiconductors ISP1583 Datasheet HTML 8Page - NXP Semiconductors ISP1583 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
Philips Semiconductors
ISP1583
Hi-Speed USB peripheral controller
Product data
Rev. 03 — 12 July 2004
2 of 87
9397 750 13461
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
2.
Features
s Complies fully with:
x Universal Serial Bus Specification Rev. 2.0
x Most Device Class specifications
x ACPI™, OnNow™ and USB power management requirements
s Supports data transfer at high-speed (480 Mbit/s) and full-speed (12 Mbit/s)
s Direct interface to ATA/ATAPI peripherals; applicable only in split bus mode
s High performance USB peripheral controller with integrated Serial Interface
Engine (SIE), Parallel Interface Engine (PIE), FIFO memory and data transceiver
s Automatic Hi-Speed USB mode detection and Original USB fall-back mode
s Supports sharing mode
s Supports I/O voltage range of 1.65 V to 3.6 V
s Supports VBUS sensing
s High-speed DMA interface
s Configurable direct access data path from the microprocessor to an ATA device
s Fully autonomous and multi configuration DMA operation
s 7 IN endpoints, 7 OUT endpoints and a fixed control IN/OUT endpoint
s Integrated physical 8 kbytes of multi configuration FIFO memory
s Endpoints with double buffering to increase throughput and ease real-time data
transfer
s Bus-independent interface with most microcontrollers and microprocessors
s 12 MHz crystal oscillator with integrated PLL for low EMI
s Software-controlled connection to the USB bus (SoftConnect™)
s Low-power consumption in operation and power-down modes; suitable for use in
bus-powered USB devices
s Supports Session Request Protocol (SRP) that complies with On-The-Go
Supplement to the USB Specification Rev. 1.0a
s Internal power-on and low-voltage reset circuits; also supports software reset
s Operation over the extended USB bus voltage range (DP, DM and VBUS)
s 5 V tolerant I/O pads at 3.3 V
s Operating temperature range from
−40 °C to +85 °C
s Available in HVQFN64 halogen-free and lead-free package.
3.
Applications
s Personal digital assistant
s Mass storage device, for example: Zip, Magneto-Optical (MO), CD and DVD
drives
s Digital video camera
s Digital still camera
s 3G mobile phone
s MP3 player
s Communication device, for example: router and modem
s Printer


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn