Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1583 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # ISP1583
Description  Hi-Speed Universal Serial Bus peripheral controller
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1583 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button ISP1583 Datasheet HTML 13Page - NXP Semiconductors ISP1583 Datasheet HTML 14Page - NXP Semiconductors ISP1583 Datasheet HTML 15Page - NXP Semiconductors ISP1583 Datasheet HTML 16Page - NXP Semiconductors ISP1583 Datasheet HTML 17Page - NXP Semiconductors ISP1583 Datasheet HTML 18Page - NXP Semiconductors ISP1583 Datasheet HTML 19Page - NXP Semiconductors ISP1583 Datasheet HTML 20Page - NXP Semiconductors ISP1583 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
Philips Semiconductors
ISP1583
Hi-Speed USB peripheral controller
Product data
Rev. 03 — 12 July 2004
17 of 87
9397 750 13461
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
pin INT; see Table 22. Default settings after reset are active LOW and level mode.
When pulse mode is selected, a pulse of 60 ns is generated when the OR-ed
combination of all interrupt bits changes from logic 0 to logic 1.
Figure 4 shows the relationship between the interrupt events and pin INT.
Each of the indicated USB and DMA events is logged in a status bit of the Interrupt
register and the DMA Interrupt Reason register, respectively. Corresponding bits in
the Interrupt Enable register and the DMA Interrupt Enable register determine
whether or not an event will generate an interrupt.
Interrupts can be masked globally by means of bit GLINTENA of the Mode register.
Field CDBGMOD[1:0] of the Interrupt Configuration register controls the generation
of the INT signals for the control pipe. Field DDBGMODIN[1:0] of the Interrupt
Configuration register controls the generation of the INT signals for the IN pipe. Field
DDBGMODOUT[1:0] of the Interrupt Configuration register controls the generation of
the INT signals for the OUT pipe; see Table 26.
8.12.2
Interrupt control
Bit GLINTENA in the Mode register is a global enable/disable bit. The behavior of this
bit is given in Figure 5.
Event A: When an interrupt event occurs (for example, SOF interrupt) with
bit GLINTENA set to logic 0, an interrupt will not be generated at pin INT. It will,
however, be registered in the corresponding Interrupt register bit.
Event B: When bit GLINTENA is set to logic 1, pin INT is asserted because bit SOF in
the Interrupt register is already set.
Event C: If the firmware sets bit GLINTENA to logic 0, pin INT will still be asserted.
The bold dashed line shows the desired behavior of pin INT.
Deassertion of pin INT can be achieved either by clearing all the Interrupt register or
the DMA Interrupt Reason register, depending on the event.
Remark: When clearing an interrupt event, perform write to all the bytes of the
register.
For more information on interrupt control, see Section 9.2.2, Section 9.2.5 and
Section 9.5.1.


Similar Part No. - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583BS NXP-ISP1583BS Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET NXP-ISP1583ET Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET1 NXP-ISP1583ET1 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET2 NXP-ISP1583ET2 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results

Similar Description - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com