Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1583 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1583
Description  Hi-Speed Universal Serial Bus peripheral controller
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1583 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1583 Datasheet HTML 4Page - NXP Semiconductors ISP1583 Datasheet HTML 5Page - NXP Semiconductors ISP1583 Datasheet HTML 6Page - NXP Semiconductors ISP1583 Datasheet HTML 7Page - NXP Semiconductors ISP1583 Datasheet HTML 8Page - NXP Semiconductors ISP1583 Datasheet HTML 9Page - NXP Semiconductors ISP1583 Datasheet HTML 10Page - NXP Semiconductors ISP1583 Datasheet HTML 11Page - NXP Semiconductors ISP1583 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
Philips Semiconductors
ISP1583
Hi-Speed USB peripheral controller
Product data
Rev. 03 — 12 July 2004
8 of 87
9397 750 13461
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
READY/
IORDY
15
I/O
Signal ready output — Used in generic processor mode:
LOW: the ISP1583 is processing a previous command or
data and is not ready for the next command or data transfer
HIGH: the ISP1583 is ready for the next microprocessor
read or write.
DMA ready input — Used in split bus mode for accessing
ATA/ATAPI peripherals (PIO mode only).
bidirectional pad; 10 ns slew-rate control; TTL; 5 V tolerant[6]
INT
16
O
interrupt output; programmable polarity (active HIGH or LOW)
and signaling (edge or level triggered)
CMOS output; 8 mA drive
DA2[5]
17
O
address output to select the Task File register of an ATA/ATAPI
device; see Table 59
CMOS output; 8 mA drive
CS_N
18
I
chip selection input
input pad; TTL; 5 V tolerant[6]
RW_N/
RD_N
19
I
Read and write input — For Motorola style, this function is
determined by pin MODE0 = LOW during power-up.
Read input — For 8051 style, this function is determined by
pin MODE0 = HIGH during power-up.
input pad; TTL; 5 V tolerant[6]
DS_N/
WR_N
20
I
Data selection input — For Motorola style, this function is
determined by pin MODE0 = LOW at power-up.
Write input — For 8051 style, this function is determined by
pin MODE0 = HIGH at power-up.
input pad; TTL; 5 V tolerant[6]
CS0_N[5]
21
O
chip selection output 0 for ATA/ATAPI device; see Table 59
CMOS output; 8 mA drive
CS1_N[5]
22
O
chip selection output 1 for ATA/ATAPI device; see Table 59
CMOS output; 8 mA drive
AD0
23
I/O
bit 0 of multiplexed address and data
bidirectional pad; 4 ns slew-rate control; TTL; 5 V tolerant[6]
AD1
24
I/O
bit 1 of multiplexed address and data bus
bidirectional pad; 4 ns slew-rate control; TTL; 5 V tolerant[6]
AD2
25
I/O
bit 2 of multiplexed address and data bus
bidirectional pad; 4 ns slew-rate control; TTL; 5 V tolerant[6]
VCC(I/O)[3]
26
-
I/O pad supply voltage (1.65 V to 3.6 V); see Section 8.15
AD3
27
I/O
bit 3 of multiplexed address and data bus
bidirectional pad; 4 ns slew-rate control; TTL; 5 V tolerant[6]
AD4
28
I/O
bit 4 of multiplexed address and data bus
bidirectional pad; 4 ns slew-rate control; TTL; 5 V tolerant[6]
AD5
29
I/O
bit 5 of multiplexed address and data bus
bidirectional pad; 4 ns slew-rate control; TTL; 5 V tolerant[6]
Table 2:
Pin description…continued
Symbol[1]
Pin
Type[2] Description


Similar Part No. - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583BS NXP-ISP1583BS Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET NXP-ISP1583ET Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET1 NXP-ISP1583ET1 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET2 NXP-ISP1583ET2 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results

Similar Description - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com