Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1583 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # ISP1583
Description  Hi-Speed Universal Serial Bus peripheral controller
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1583 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button ISP1583 Datasheet HTML 63Page - NXP Semiconductors ISP1583 Datasheet HTML 64Page - NXP Semiconductors ISP1583 Datasheet HTML 65Page - NXP Semiconductors ISP1583 Datasheet HTML 66Page - NXP Semiconductors ISP1583 Datasheet HTML 67Page - NXP Semiconductors ISP1583 Datasheet HTML 68Page - NXP Semiconductors ISP1583 Datasheet HTML 69Page - NXP Semiconductors ISP1583 Datasheet HTML 70Page - NXP Semiconductors ISP1583 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
Philips Semiconductors
ISP1583
Hi-Speed USB peripheral controller
Product data
Rev. 03 — 12 July 2004
67 of 87
9397 750 13461
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
13.1 Register access timing
13.1.1
Generic processor mode
BUS_CONF = H: generic processor mode:
MODE0 = H: 8051 style; see Figure 20
MODE0 = L: Motorola style; see Figure 21.
TPERIOD is the bit duration corresponding with the USB data rate.
Fig 18. Receiver differential data jitter.
mgr871
TPERIOD
tJR
differential
data lines
+3.3 V
0 V
tJR1
tJR2
consecutive
transitions
N
× TPERIOD + tJR1
paired
transitions
N
× TPERIOD + tJR2
Fig 19. Receiver SE0 width tolerance.
mgr872
differential
data lines
+3.3 V
0 V
tFST
VIH(min)
Table 101: ISP1583 register access timing parameters: separate address and data buses
VCC(I/O) = 3.3 V; VCC(3V3) = 3.3 V; VGND =0V; Tamb = −40 °Cto+85 °C.
Symbol
Parameter
Min
Max
Unit
Reading
tRLRH
RD_N LOW pulse width
>tRLDV
-ns
tAVRL
address set-up time before RD_N LOW
0
-
ns
tRHAX
address hold time after RD_N HIGH
0
-
ns
tRLDV
RD_N LOW to data valid delay
-
26
ns
tRHDZ
RD_N HIGH to data outputs 3-state delay
0
15
ns
tRHSH
RD_N HIGH to CS_N HIGH delay
0
-
ns
tSLRL
CS_N LOW to RD_N LOW delay
2
-
ns


Similar Part No. - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583BS NXP-ISP1583BS Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET NXP-ISP1583ET Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET1 NXP-ISP1583ET1 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET2 NXP-ISP1583ET2 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results

Similar Description - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com