Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1583 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # ISP1583
Description  Hi-Speed Universal Serial Bus peripheral controller
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1583 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button ISP1583 Datasheet HTML 49Page - NXP Semiconductors ISP1583 Datasheet HTML 50Page - NXP Semiconductors ISP1583 Datasheet HTML 51Page - NXP Semiconductors ISP1583 Datasheet HTML 52Page - NXP Semiconductors ISP1583 Datasheet HTML 53Page - NXP Semiconductors ISP1583 Datasheet HTML 54Page - NXP Semiconductors ISP1583 Datasheet HTML 55Page - NXP Semiconductors ISP1583 Datasheet HTML 56Page - NXP Semiconductors ISP1583 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
Philips Semiconductors
ISP1583
Hi-Speed USB peripheral controller
Product data
Rev. 03 — 12 July 2004
53 of 87
9397 750 13461
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Task File register 1F7 is a write-only register; a read will return FFh.
9.4.6
DMA Interrupt Reason register (address: 50h)
This 2-byte register shows the source(s) of DMA interrupt. Each bit is refreshed after
a DMA command has been executed. An interrupt source is cleared by writing logic 1
to the corresponding bit. When reading, AND the value of the bits in this register with
the value of the corresponding bits in the DMA Interrupt Enable register.
The bit allocation is given in Table 70.
Table 66:
Task File 1F6 register (address: 4Dh): bit allocation
CS1_N = H, CS0_N = L, DA2 = H, DA1 = H, DA0 = L.
Bit
7
6
5
4
3
2
1
0
Symbol
drive/head/LBA[27:24] (ATA) or drive (ATAPI)
Reset
000000
0
0
Bus reset
000000
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 67:
Task File 1F7 register (address: 44h): bit allocation
CS1_N = H, CS0_N = L, DA2 = H, DA1 = H, DA0 = H.
Bit
7
6
5
4
3
2
1
0
Symbol
command (ATA) or status[1]/command (ATAPI)
Reset
00000000
Bus reset
00000000
Access
WWWWWWWW
Table 68:
Task File 3F6 register (address: 4Eh): bit allocation
CS1_N = L, CS0_N = H, DA2 = H, DA1 = H, DA0 = L.
Bit
7
6
5
4
3
2
1
0
Symbol
alternate status/command (ATA or ATAPI)
Reset
00000000
Bus reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 69:
Task File 3F7 register (address: 4Fh): bit allocation
CS1_N = L, CS0_N = H, DA2 = H, DA1 = H, DA0 = H.
Bit
7
6
5
4
3
2
1
0
Symbol
drive address (ATA) or reserved (ATAPI)
Reset
00000000
Bus reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W


Similar Part No. - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583BS NXP-ISP1583BS Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET NXP-ISP1583ET Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET1 NXP-ISP1583ET1 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET2 NXP-ISP1583ET2 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results

Similar Description - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com